Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003K3U6CTR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM8S003K3U6CTR
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3U6CTR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM8S003K3U6CTR Datasheet HTML 29Page - STMicroelectronics STM8S003K3U6CTR Datasheet HTML 30Page - STMicroelectronics STM8S003K3U6CTR Datasheet HTML 31Page - STMicroelectronics STM8S003K3U6CTR Datasheet HTML 32Page - STMicroelectronics STM8S003K3U6CTR Datasheet HTML 33Page - STMicroelectronics STM8S003K3U6CTR Datasheet HTML 34Page - STMicroelectronics STM8S003K3U6CTR Datasheet HTML 35Page - STMicroelectronics STM8S003K3U6CTR Datasheet HTML 36Page - STMicroelectronics STM8S003K3U6CTR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
Reset
status
Register name
Register label
Block
Address
0x00
TIM1 capture/compare register 1 high
TIM1_CCR1H
0x00 5265
0x00
TIM1 capture/compare register 1 low
TIM1_CCR1L
0x00 5266
0x00
TIM1 capture/compare register 2 high
TIM1_CCR2H
0x00 5267
0x00
TIM1 capture/compare register 2 low
TIM1_CCR2L
0x00 5268
0x00
TIM1 capture/compare register 3 high
TIM1_CCR3H
0x00 5269
0x00
TIM1 capture/compare register 3 low
TIM1_CCR3L
0x00 526A
0x00
TIM1 capture/compare register 4 high
TIM1_CCR4H
0x00 526B
0x00
TIM1 capture/compare register 4 low
TIM1_CCR4L
0x00 526C
0x00
TIM1 break register
TIM1_BKR
0x00 526D
0x00
TIM1 dead-time register
TIM1_DTR
0x00 526E
0x00
TIM1 output idle state register
TIM1_OISR
0x00 526F
Reserved area (147 bytes)
0x00 5270 to
0x00 52FF
0x00
TIM2 control register 1
TIM2_CR1
TIM2
0x00 5300
Reserved
0x00 5301
Reserved
0x00 5302
0x00
TIM2 Interrupt enable register
TIM2_IER
0x00 5303
0x00
TIM2 status register 1
TIM2_SR1
0x00 5304
0x00
TIM2 status register 2
TIM2_SR2
0x00 5305
0x00
TIM2 event generation register
TIM2_EGR
0x00 5306
33/100
DocID018576 Rev 3
Memory and register map
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com