Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA16 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BTA16
Description  16 A Snubberless?? logic level and standard Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA16 Datasheet(HTML) 3 Page - STMicroelectronics

  BTA16 Datasheet HTML 1Page - STMicroelectronics BTA16 Datasheet HTML 2Page - STMicroelectronics BTA16 Datasheet HTML 3Page - STMicroelectronics BTA16 Datasheet HTML 4Page - STMicroelectronics BTA16 Datasheet HTML 5Page - STMicroelectronics BTA16 Datasheet HTML 6Page - STMicroelectronics BTA16 Datasheet HTML 7Page - STMicroelectronics BTA16 Datasheet HTML 8Page - STMicroelectronics BTA16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BTA16, BTB16, T1610, T1635
Characteristics
Doc ID 7471 Rev 9
3/10
Table 4.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
standard (4 quadrants)
Symbol
Test conditions
Quadrant
BTA16 / BTB16
Unit
CB
IGT
(1)
1.
Minimum IGT is guaranted at 5% of IGT max
VD = 12 V
RL = 33 Ω
I - II - III
IV
Max.
25
50
50
100
mA
VGT
ALL
Max.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 125 °C
ALL
Min.
0.2
V
IH
(2)
2.
For both polarities of A2 referenced to A1
IT = 500 mA
Max.
25
50
mA
IL
IG = 1.2 IGT
I - III - IV
Max.
40
60
mA
II
80
120
dV/dt (2) VD = 67 %VDRM gate open
Tj = 125 °C
Min.
200
400
V/µs
(dV/dt)c
(2)
(dI/dt)c = 7 A/ms
Tj = 125 °C
Min.
5
10
V/µs
Table 5.
Static characteristics
Symbol
Test conditions
Value
Unit
VT (2)
ITM = 22.5 A
tp = 380 µs
Tj = 25 °C
Max.
1.55
V
Vto (2)
Threshold voltage
Tj = 125 °C
Max.
0.85
V
Rd (2)
Dynamic resistance
Tj = 125 °C
Max.
25
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
Max.
5µA
Tj = 125 °C
2
mA
Table 6.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
D2PAK / TO-220AB
1.2
°C/W
TO-220AB insulated
2.1
Rth(j-a)
Junction to ambient
S(1) = 1 cm²
1.
S = Copper surface under tab
D2PAK
45
°C/W
TO-220AB / TO-220AB
insulated
60



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com