Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB16 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BTB16
Description  16 A Snubberless?? logic level and standard Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB16 Datasheet(HTML) 1 Page - STMicroelectronics

  BTB16 Datasheet HTML 1Page - STMicroelectronics BTB16 Datasheet HTML 2Page - STMicroelectronics BTB16 Datasheet HTML 3Page - STMicroelectronics BTB16 Datasheet HTML 4Page - STMicroelectronics BTB16 Datasheet HTML 5Page - STMicroelectronics BTB16 Datasheet HTML 6Page - STMicroelectronics BTB16 Datasheet HTML 7Page - STMicroelectronics BTB16 Datasheet HTML 8Page - STMicroelectronics BTB16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2010
Doc ID 7471 Rev 9
1/10
10
BTA16, BTB16
T1610, T1635
16 A Snubberless™, logic level and standard Triacs
Features
■ Medium current Triac
■ Low thermal resistance with clip bonding
■ Low thermal resistance insulation ceramic for
insulated BTA
■ High commutation (4Q) or very high
commutation (3Q) capability
■ BTA series UL1557 certified (File ref: 81734)
■ RoHS ( 2002/95/EC) compliant
■ Insulated tab (BTA series, rated at 2500 VRMS)
Applications
■ Snubberless versions (BTA/BTB...W and
T1635) especially recommended for use on
inductive loads, because of their high
commutation performances
■ On/off or phase angle function in applications
such as static relays, light dimmers and
appliance motor speed controllers
Description
Available either in through-hole or surface-mount
packages, the BTA16, BTB16, T1610 and T1635
Triacs series are suitable for general purpose
mains power AC switching.
TM: Snubberless is a trademark of STMicroelectronics
A2
A1
G
D2PAK
T1610G
T1635G
TO-220AB
insulated
BTA16
TO-220AB
BTB16
G
A2
A1
G
A2
A2
A1
A2
A2
G
A1
Table 1.
Device summary
Symbol
Parameter
BTA16 (1)
1.
Insulated
BTB16
T1610
T1635
IT(RMS)
On-state rms current
16
16
16
16
VDRM/VRRM
Repetitive peak off-state voltage
600/800
600/800
600/800
600/800
IGT (Snubberless) Triggering gate current
35/50
35/50
-
35
IGT (logic level)
Triggering gate current
10
10
10
-
IGT (standard)
Triggering gate current
25/50
25/50
-
-
www.st.com


Similar Part No. - BTB16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB16 STMICROELECTRONICS-BTB16 Datasheet
99Kb / 9P
16A TRIACS
13-Feb-2006
logo
Suntac Electronic Corp.
BTB16 SUNTAC-BTB16 Datasheet
83Kb / 4P
16A Triacs logic level
logo
STMicroelectronics
BTB16 STMICROELECTRONICS-BTB16 Datasheet
116Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
logo
JIEJIE MICROELECTRONICS...
BTB16 JIEJIE-BTB16 Datasheet
692Kb / 6P
16A TRIACs
logo
Unisonic Technologies
BTB16 UTC-BTB16 Datasheet
164Kb / 3P
16A TRIACS
More results

Similar Description - BTB16

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTB16-800B KERSEMI-BTB16-800B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTB16-700CW KERSEMI-BTB16-700CW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTB16-700C KERSEMI-BTB16-700C Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTB16-600BW KERSEMI-BTB16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTB16-600B KERSEMI-BTB16-600B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com