Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404DTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7404DTR
Description  Car radio signal processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404DTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7404DTR Datasheet HTML 21Page - STMicroelectronics TDA7404DTR Datasheet HTML 22Page - STMicroelectronics TDA7404DTR Datasheet HTML 23Page - STMicroelectronics TDA7404DTR Datasheet HTML 24Page - STMicroelectronics TDA7404DTR Datasheet HTML 25Page - STMicroelectronics TDA7404DTR Datasheet HTML 26Page - STMicroelectronics TDA7404DTR Datasheet HTML 27Page - STMicroelectronics TDA7404DTR Datasheet HTML 28Page - STMicroelectronics TDA7404DTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
TDA7404
I2C bus interface
25/35
Note 1: The attenuation is specified at high frequencies. Around the center frequency the value is different
depending on the programmed attenuation (see Section 4.4: Loudness).
Note 2: It is not recommended to use a gain more than 20 dB for system performance reason. In general, the
max. gain should be limited by software to the maximum value, which is needed for the system.
Table 9.
Loudness
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
Attenuation
0 dB
-1 dB
:
-14 dB
-15 dB
0
0
0
1
1
0
1
0
1
Filter / Center Frequency
off (flat) 'D6 must be = 0'
400 Hz
800 Hz
2.4 kHz
0
1
Shape
Low boost
Low and high boost
0
1
Soft-step-Volume
off
on
Table 10.
Volume
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
1
1
1
0
0
0
0
0
1
1
1
1
1
1
0
0
0
0
1
0
0
0
0
0
1
0
0
0
0
1
0
0
0
1
1
X
0
0
0
0
1
0
0
0
1
1
X
0
0
1
1
1
0
0
1
1
1
X
0
1
0
1
1
0
1
0
1
0
1
X
Gain/attenuation
not allow
not allow
+30.0 dB
+29.0 dB
:
+1.0 dB
0.0 dB
- 1.0 dB
- 2.0 dB
:
-78.0 dB
-79.0 dB
Mute
0
1
Diffin - mode
Single ended stereo
Differential Stereo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com