Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404D Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7404D
Description  Car radio signal processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404D Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7404D Datasheet HTML 26Page - STMicroelectronics TDA7404D Datasheet HTML 27Page - STMicroelectronics TDA7404D Datasheet HTML 28Page - STMicroelectronics TDA7404D Datasheet HTML 29Page - STMicroelectronics TDA7404D Datasheet HTML 30Page - STMicroelectronics TDA7404D Datasheet HTML 31Page - STMicroelectronics TDA7404D Datasheet HTML 32Page - STMicroelectronics TDA7404D Datasheet HTML 33Page - STMicroelectronics TDA7404D Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
I2C bus interface
TDA7404
30/35
Table 17.
Subwoofer attenuator (left and right)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
XX
0
0
:
0
0
0
0
0
0
0
0
0
1
0
0
:
1
1
1
1
1
1
1
1
1
X
0
0
:
0
1
1
1
1
1
1
1
1
X
0
0
:
1
0
0
0
0
1
1
1
1
X
0
0
:
1
0
0
1
1
0
0
1
1
X
0
1
:
1
0
1
0
1
0
1
0
1
X
Attenuation
0 dB
-1 dB
:
-23 dB
-24.5 dB
-26 dB
-28 dB
-30 dB
-32 dB
-35 dB
-40 dB
-50 dB
Speaker Mute
Table 18.
Soft-mute and mixing
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Mute
enable soft-mute
disable soft-mute
0
0
1
1
0
1
0
1
Mute/Zero Cross-Times
0.48 ms
0.96 ms
30.7 ms / 9 ms
122.8 ms / 37 ms
0
1
Mixing-Source
Beep
Phone
0
0
1
1
0
1
0
1
Mixing-Level (Main / Mix-Source)
-12 / -2.5 dB
-6 / -6 dB
-3.5 / -9.6 dB
0 /
0
0
1
1
0
1
0
1
Beep Frequency
781 Hz
1.56 kHz
Not allow
1.8 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com