Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003K3T6 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM8S003K3T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3T6 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM8S003K3T6 Datasheet HTML 35Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 36Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 37Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 38Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 39Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 40Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 41Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 42Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
Interrupt vector mapping
7
Table 10: Interrupt mapping
Vector address
Wakeup from
active-halt mode
Wakeup from
halt mode
Description
Source
block
IRQ
no.
0x00 8000
Yes
Yes
Reset
RESET
0x00 8004
-
-
Software interrupt
TRAP
0x00 8008
-
-
External top level interrupt
TLI
0
0x00 800C
Yes
-
Auto wake up from halt
AWU
1
0x00 8010
-
-
Clock controller
CLK
2
0x00 8014
Yes
(1)
Yes
(1)
Port A external interrupts
EXTI0
3
0x00 8018
Yes
Yes
Port B external interrupts
EXTI1
4
0x00 801C
Yes
Yes
Port C external interrupts
EXTI2
5
0x00 8020
Yes
Yes
Port D external interrupts
EXTI3
6
0x00 8024
Yes
Yes
Port E external interrupts
EXTI4
7
0x00 8028
-
-
Reserved
8
0x00 802C
-
-
Reserved
9
0x00 8030
Yes
Yes
End of transfer
SPI
10
0x00 8034
-
-
TIM1 update/ overflow/ underflow/
trigger/ break
TIM1
11
0x00 8038
-
-
TIM1 capture/ compare
TIM1
12
0x00 803C
-
-
TIM2 update/ overflow
TIM2
13
0x00 8040
-
-
TIM2 capture/ compare
TIM2
14
0x00 8044
-
-
Reserved
15
0x00 8048
-
-
Reserved
16
0x00 804C
-
-
Tx complete
UART1
17
0x00 8050
-
-
Receive register DATA FULL
UART1
18
0x00 8054
Yes
Yes
I
2C interrupt
I
2C
19
0x00 8058
-
-
Reserved
20
0x00 805C
-
-
Reserved
21
0x00 8060
-
-
ADC1 end of conversion/ analog
watchdog interrupt
ADC1
22
39/100
DocID018576 Rev 3
Interrupt vector mapping
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com