Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3T6 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM8S003F3T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3T6 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM8S003F3T6 Datasheet HTML 19Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 20Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 21Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 22Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 23Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 24Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 25Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 26Page - STMicroelectronics STM8S003F3T6 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
Alternate
function after
remap [option
bit]
Default
alternate
function
Main
function
(after
reset)
Output
Input
Type
Pin name
Pin no.
PP
OD
Speed
High
sink
(1)
Ext.
interr.
wpu
floating
UFQFPN20
TSSOP20
UART1
clock
Analog
input 5/
Port
D5
X
X
O3
HS
X
X
X
I/O
PD5/ AIN5/
UART1 _TX
19
2
UART1
data
transmit
Analog
input 6/
Port
D6
X
X
O3
HS
X
X
X
I/O
PD6/ AIN6/
UART1 _RX
20
3
UART1
data
receive
Reset
X
I/O
NRST
1
4
Resonator/
crystal in
Port
A1
X
X
O1
X
X
X
I/O
PA1/ OSCIN
(2)
2
5
Resonator/
crystal out
Port
A2
X
X
O1
X
X
X
I/O
PA2/
OSCOUT
3
6
Digital ground
S
VSS
4
7
1.8 V regulator
capacitor
S
VCAP
5
8
Digital power supply
S
VDD
6
9
SPI master/
slave select
[AFR1]
Timer 2
channel 3
Port
A3
X
X
O3
HS
X
X
X
I/O
PA3/ TIM2_
CH3 [SPI_
NSS]
7
10
Timer 1 -
break input
[AFR4]
I
2
C data
Port
B5
T
(3)
O1
X
X
I/O
PB5/ I
2
C_
SDA [TIM1_
BKIN]
8
11
ADC external
trigger [AFR4]
I
2
C clock
Port
B4
T
(3)
O1
X
X
I/O
PB4/ I
2
C_
SCL
9
12
Top level
interrupt
Timer 1 -
channel 3
Port
C3
X
X
O3
HS
X
X
X
I/O
PC3/
TIM1_CH3
[TLI] [TIM1_
CH1N]
10
13
[AFR3] Timer
1 - inverted
channel 1
[AFR7]
Timer 1 -
inverted
Configurable
clock
Port
C4
X
X
O3
HS
X
X
X
I/O
PC4/
CLK_CCO/
TIM1_
11
14
channel 2
[AFR7]
output/Timer
1 - channel
4/Analog
input 2
CH4/AIN2/[TIM1_
CH2N]
Timer 2 -
channel 1
[AFR0]
SPI clock
Port
C5
X
X
O3
HS
X
X
X
I/O
PC5/
SPI_SCK
[TIM2_ CH1]
12
15
23/100
DocID018576 Rev 3
Pinout and pin description
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com