Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPL2-2-50TR-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # CPL2-2-50TR-R
Description  Multi-Phase Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CPL2-2-50TR-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  CPL2-2-50TR-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CPL2-2-50TR-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CPL2-2-50TR-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
9.0
3.1
4.3
3.6
7.0
1
24
3
6
5
8
7
CP L2-5
10
9
1
24
3
6
5
8
7
1
24
3
6
5
R ecom m ended
P ad Layout
S chem atic
1
24
3
CP L2-2
CP L2-3
CP L2-4
9.0
3.1
4.3
3.6
7.0
9.0
4.3
3.6
3.1
7.0
9.0
4.3
3.6
7.0
3.1
S ection A-A
User Direction of feed
34.25
1.75
1.5 dia
2.0 dia.
11.6
4.0
72.0
± 0.30
16.0
53.6
2.0
5.1
5.1
5.1
5.1
CP L2-2
750 parts per reel
CP L2-3
600 parts per reel
CP L2-4
500 parts per reel
CP L2-5
400 parts per reel
26.25
1.75
1.5 dia.
2.0 dia
11.6
4.0
56.0
± 0.30
16.0
2.0
26.25
1.75
1.5 dia.
2.0 dia.
11.6
4.0
56.0
± 0.30
16.0
44.6
2.0
35.6
20.25
1.75
1.5 dia.
2.0 dia.
11.6
4.0
44.0
± 0.30
16.0
26.6
2.0
Pin #1
Pin #1
Pin #1
Pin #1
Supplied in tape-and-reel packaging on a 13” diameter reel.
Packaging Information - mm
Pad Layouts & Schematics - mm
0112 BU-SB12071
Page 2 of 3
Data Sheet: 4357



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com