Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3216FF10-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 3216FF10-R
Description  Chip Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

3216FF10-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  3216FF10-R Datasheet HTML 1Page - Cooper Bussmann, Inc. 3216FF10-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip
™ Fuses
3216FF Series, Fast-Acting
Description
• Fast-acting surface mount fuse
• Ratings up to 30 amps
• Excellent temperature and cycling characteristics
• Compatible with reflow and wave solder
Agency Information
• UL Recognition Guide JDYX2 & File E19180.
• CSA Component Acceptance: 053787 C 000 &
Class No: 1422 30.
•
Recognition File: E19180, Guide JDYX2/JDYX8
Environmental Data
• Thermal Shock: MIL-STD-202, Method 107,
Test Condition B (-65°C to 125°C)
• Vibration: MIL-STD-202, Method 204,
Test Condition C (55Hz - 2kHz, 10G)
• Moisture Resistance: MIL-STD-202, Method 106,
10 day cycle
• Solderability: ANSI/J-STD-002, Test B
• Additional resistance to solder heat teast: MIL-STD-202G Method
210F Condition A
• Operating Temperature: -55ºC to 125ºC
Ordering
• Specify packaging and product code
(i.e., TR/3216FF250-R)
Soldering Method
• Wave Immersion: 260°C, 10 sec max.
• Infrared Reflow: 260°C, 30 sec max.
0411
BU-SB11302
Page 1 of 2
Data Sheet 3001
Recommended Pad Layout - mm (in)
Dimension - mm/inches
Drawing Not to Scale
Electrical Characteristics
Amp Rating
% of Amp Rating
Opening Time
250mA - 30A
100%
4 Hrs. Min.
1.25A - 3A
200%
60 Sec. Max.
250mA - 3A
250%
5 Sec. Max.
4A - 7A
350%
1 Sec. Max.
10A - 30A
350%
5 Sec. Max.
Specifications
Part
Volt Ratings
Interrupting Rating*
Typical DC Cold
Typical Melt
Typical Voltage
Agency Approvals
Number
Vac
Vdc
(amps) AC/DC
Resistance (
W)**
I2t (A2S) DC***
Drop (V)†
UR
CSA
cURus
3216FF250-R
32
63
50
3.5000
0.00038
1.40
X
X
3216FF375-R
32
63
50
1.7500
0.00077
0.73
X
X
3216FF500-R
32
63
50
0.9800
0.00190
0.66
X
X
3216FF750-R
32
63
50
0.5400
0.0053
0.63
X
X
3216FF1-R
32
63
50
0.2190
0.030
0.20
X
X
3216FF1.25-R
32
63
50
0.1700
0.046
0.18
X
X
3216FF1.5-R
32
63
50
0.1190
0.093
0.18
X
X
3216FF2-R
32
63
50
0.0660
0.126
0.16
X
X
3216FF2.5-R
32
63
50
0.0460
0.260
0.14
X
X
3216FF3-R
32
63
50
0.0360
0.275
0.13
X
X
3216FF4-R
32
32
50
0.0180
0.337
0.11
X
X
3216FF4.5-R
32
32
50
0.0160
0.405
0.10
X
X
3216FF5-R
32
32
50
0.0140
0.534
0.09
X
X
3216FF6.5-R
32
32
50
0.0086
2.294
0.076
X
X
3216FF7-R
32
32
50
0.0070
3.623
0.078
X
X
3216FF10-R
24
150
0.0045
2.0
0.062
X
X
3216FF12-R
24
150
0.0039
7.0
0.070
X
X
3216FF15-R
24
150
0.0031
25.5
0.066
X
X
3216FF20-R
24
150
0.0018
48.6
0.060
X
X
3216FF25-R
24
250
0.0014
32.0
0.057
X
X
3216FF30-R
24
300
0.001
43.0
0.068
X
X
* AC Interrupting Rating measured at rated voltage with a unity power factor; DC Interrupting Rating measured at rated voltage, time constant of less than 50 microseconds, battery source
**Typical DC Cold Resistance measured at 10% of rated current
***Typical Melting I
2t measured with a battery bank at rated DC voltage, 10x-rated current, not to exceed IR, time constant of calibrated circuit less than 50 microseconds (6.5A - 30A measured at interrupting rating)
†Typical Voltage Drop measured at rated current after temperature stabilizes. It is recommended that fuses be mounted with ceramic (white) side facing up.
Device designed to carry rated current for four hours minimum. An operating current of 80% or less of rated current is recommended, with further derating required at elevated ambient temperatures.
Pb
HALOGEN
HF
FREE


Similar Part No. - 3216FF10-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
3216FF10-R COOPER-3216FF10-R Datasheet
335Kb / 2P
Chip Fuses 3216FF Series, Fast-Acting
logo
Eaton All Rights Reserv...
3216FF10-R EATON-3216FF10-R Datasheet
351Kb / 2P
Fast-acting Chip??surface mount fuse
More results

Similar Description - 3216FF10-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CC12H COOPER-CC12H Datasheet
303Kb / 2P
High I2t Chip??Fuses
0603FA250-R COOPER-0603FA250-R Datasheet
560Kb / 2P
Chip??Fuses
logo
Vishay Siliconix
TFU0603 VISHAY-TFU0603 Datasheet
119Kb / 7P
Thick Film Chip Fuses
26-May-10
logo
KOA Speer Electronics, ...
SF45N110TTE KOA-SF45N110TTE Datasheet
241Kb / 2P
chip type resettable fuses
logo
Protek Devices
PF1206S7 PROTEC-PF1206S7 Datasheet
482Kb / 6P
slow blow chip fuses
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S_15 Datasheet
227Kb / 2P
Chip Fuses
S0603H GOOD-ARK-S0603H_15 Datasheet
272Kb / 2P
Chip Fuses
logo
Cooper Bussmann, Inc.
3216LV COOPER-3216LV Datasheet
113Kb / 2P
Chip??Fuses
CC12H1A COOPER-CC12H1A_16 Datasheet
1Mb / 8P
High I짼t Chip fuses
logo
Eaton All Rights Reserv...
CC12H EATON-CC12H Datasheet
551Kb / 8P
High I짼t Chip fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com