Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB-86I-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # HTB-86I-R
Description  HTB Panel Mount Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HTB-86I-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  HTB-86I-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HTB-86I-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HTB-86I-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Packaging
Packaging Code Prefix
Description
Blank
10 fuse holders packed into a carton
BK
100 fuse holders packed into a cardboard shelf package
S
Packing
(Blank) – Std.
BK/ – Bulk
Rear Terminal Configuration
2 — Solder /
Quick-Connect
Solder /
Quick-Connect
(In-Line)
4 —
(Right Angle)
6 —
Quick-Connect (In-Line)
8 —
Quick-Connect (Right Angle)
Fuse Carrier
I — /4˝ x1
M — 5 x 20mm
Splash Proof
(Optional on Knob
Holders Only)
Body Configuration and Mounting
Knob Holders
2 — Low Profile (Rear Panel Hex-Nut)
4 — High Profile
* 6 — (Front Panel Hex-Nut)
8 — Low Profile (Snap-In)
Screwdriver Slotted Holders
3 — Low Profile
5 — High Profile
9 — Low Profile (Snap-In)
Product
Symbol
HTB-
Packaging
(Blank) – Std.
BK/ – Bulk
Fuse Carrier
I —
x
1
M — 5mm x 20mm
Product
Symbol
FT — Knob Type
(For 20, 40, 60,
and 80 Series
Only)
ST — Screwdriver
Slotted (For 30,
50, and 90 Series
Only)
P
-R
*Profile varies with panel thickness. Holder installs thru rear of panel.
FUSE CARRIER ONLY
1
/4˝
1
/4˝
1
/4˝
1
/16˝
3
/16˝
3
Cap with O-Ring
1
4
/
˝
1
4
/
˝
RoHS
Compliant
Ordering Information
HTB-3
HTB-5
HTB-9
0.17"
(4.37mm)
1.58"
(40.03mm)
0.17"
(4.37mm)
1.59"
(40.08mm)
0.41"
(10.31mm)
1.34"
(34.13mm)
0.34"
(8.7mm)
0.33"
(8.3mm)
0.47"
(11.9mm)
0.45"
(11.5mm)
Dimensions - in (mm)
Terminal Options
Screwdriver Type Carrier
Solder/
Carrier Options
3
⁄16˝ Quick-Connect
1
⁄4˝ Quick-Connect
1
⁄4˝ x 1⁄4˝
5 x 20mm
In-Line
Rt. Angle
In-Line
Rt. Angle
(“I” Equals Inches)
(“M” Equals Metric)
Screwdriver
Screwdriver
Common Dimensional Data:
(Screwdriver Slotted)
1.75˝ (44.5mm)
NOTE: Plus In-Line Terminal
HTB-32I-R
HTB-34I-R
HTB-36I-R
HTB-38I-R
3
—
—
HTB-32M-R
HTB-34M-R
HTB-36M-R
HTB-38M-R
—
3
HTB-52I-R
HTB-54I-R
HTB-56I-R
HTB-58I-R
3
—
—
HTB-52M-R
HTB-54M-R
HTB-56M-R
HTB-58M-R
—
3
HTB-92I-R
HTB-94I-R
HTB-96I-R
HTB-98I-R
3
—
—
HTB-92M-R
HTB-94M-R
HTB-96M-R
HTB-98M-R
—
3
Fuseholders and fuse carriers may be ordered separately.
0.30˝
7.62mm
0.125˝
3.18mm
0.125˝
3.18mm
Maximum
Panel
Thickness
Low Profile
Rear Hex Nut
High Profile
Rear Hex Nut
Low-Profile
Snap-In
© 2009 Cooper Bussmann
St. Louis, MO 63178
www.cooperbussmann.com
0709
BU-SB09620
Page 2 of 2
Data Sheet 2119
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information contained
in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support
systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in
significant injury to the user.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com