Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB-36I-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HTB-36I-R
Description  HTB Panel Mount Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HTB-36I-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HTB-36I-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HTB-36I-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HTB-36I-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
• For 1⁄4" x 1 1⁄4" and 5 x 20mm fuses
• All holder bodies have the option of using
1
⁄4" x 1 1⁄4" or 5 x 20mm carriers
• Withstands 15 to 20 Lb-In torque to mounting
nut when mounting fuse holder to panel
• High temperature, flame retardant,
Thermoplastic meets UL 94V0
Agency Information
• UL Recognized: IZLT2, E14853
• CSA Component Acceptance:
Class 6225-01, File 47235
• VDE Certified: 136128, HTB-XXM
• SEMKO Certification: Ref. #0146149/01, HTB-XXM
• CE
Replacement Parts
Mounting Dimensions - in (mm)
Maximum Panel Thickness
Body Type
Inch
mm
HTB-2
0.30
7.62
HTB-3
0.30
7.62
HTB-4
0.125
3.18
HTB-5
0.125
3.18
HTB-6
0.30
7.62
HTB-8
0.125
3.18
HTB-9
0.125
3.18
Specifications
Product
UL Rating
CSA Rating
Voltage
Fuse
Quick
Code
(amps)
(amps)
Rating
Size
Connect
HTB-X2I
20
16
250
1
⁄4" x 1 1⁄4"
3
⁄16"
HTB-X4I
20
16
250
1
⁄4" x 1 1⁄4"
3
⁄16"
HTB-X6I
20
16
250
1
⁄4" x 1 1⁄4"
1
⁄4"
HTB-X8I
20
16
250
1
⁄4" x 1 1⁄4"
1
⁄4"
HTB-X2M
16
16
250
5 x 20mm
3
⁄16"
HTB-X4M
16
16
250
5 x 20mm
3
⁄16"
HTB-X6M
16
16
250
5 x 20mm
1
⁄4"
HTB-X8M
16
16
250
5 x 20mm
1
⁄4"
HTB-8
HTB-6
HTB-2
HTB-4
Dimensions - in (mm)
Terminal Options
Knob Type Carrier
Solder/
Carrier Options
3
⁄16˝ Quick-Connect
1
⁄4˝ Quick-Connect
1
⁄4˝ x 1 1⁄4˝
5 x 20mm
In-Line
Rt. Angle
In-Line
Rt. Angle
(“I” Equals Inches)
(“M” Equals Metric)
Knob
Knob
Common Dimensional Data:
Length (Knob Type) - 1.69
(42.9mm) Plus In-Line Terminal
NOTE: Plus In-Line Terminal
HTB-22I-R
HTB-24I-R
HTB-26I-R
HTB-28I-R
3
—
—
HTB-22M-R
HTB-24M-R
HTB-26M-R
HTB-28M-R
—
3
HTB-42I-R
HTB-44I-R
HTB-46I-R
HTB-48I-R
3
—
—
HTB-42M-R
HTB-44M-R
HTB-46M-R
HTB-48M-R
—
3
HTB-62I-R
HTB-64I-R
HTB-66I-R
HTB-68I-R
3
—
—
HTB-62M-R
HTB-64M-R
HTB-66M-R
HTB-68M-R
—
3
HTB-82I-R
HTB-84I-R
HTB-86I-R
HTB-88I-R
3
—
—
HTB-82M-R
HTB-84M-R
HTB-86M-R
HTB-88M-R
—
3
1.125"
(28.6mm)
0.47"
(11.9mm)
0.09" NOM.
(2.4mm)
1.125"
(28.6mm)
0.47"
(11.9mm)
0.92"
(23.4mm)
0.67"
(17.1mm)
0.91"
(23.0mm)
0.69"
(17.5mm)
0.34"
(8.7mm)
0.33"
(8.3mm)
0.47"
(11.9mm)
0.45"
(11.5mm)
Fuseholders and fuse carriers may be ordered separately.
0.30˝
7.62mm
0.125˝
3.18mm
0.30˝
7.62mm
0.125˝
3.18mm
Maximum
Panel
Thickness
Low Profile
Rear Hex Nut
High
Profile
Rear Hex Nut
Front
Hex Nut
Low Profile
Snap-In
Fuse Holders for 1⁄4" x 1 1⁄4" and 5 x 20mm Fuses
HTB Panel Mount Series
0709
BU-SB09620
Page 1 of 2
Data Sheet 2119


Similar Part No. - HTB-36I-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HTB-36I-R EATON-HTB-36I-R Datasheet
341Kb / 2P
1/4 x 1 1/4 and 5 mm x 20 mm Panel-mount fuse holders
More results

Similar Description - HTB-36I-R

ManufacturerPart #DatasheetDescription
logo
LEM
HTB50-P LEM-HTB50-P Datasheet
66Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB50-TP LEM-HTB50-TP Datasheet
77Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB100-P LEM-HTB100-P Datasheet
63Kb / 2P
Current Transducers HTB 50~400-P/SP5 and HTB 50~100-TP/SP5
logo
List of Unclassifed Man...
HTB-X2I ETC1-HTB-X2I Datasheet
89Kb / 2P
HTB Panel Mount Series
logo
Cooper Bussmann, Inc.
FHN26G1 COOPER-FHN26G1 Datasheet
158Kb / 2P
HKP Panel-Mount Series
HKP-OO COOPER-HKP-OO Datasheet
158Kb / 2P
HKP Panel-Mount Series
HKP-HH COOPER-HKP-HH Datasheet
158Kb / 2P
HKP Panel-Mount Series
logo
LEM
HTB-100-TP LEM-HTB-100-TP Datasheet
551Kb / 3P
Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
HTB-200-P LEM-HTB-200-P Datasheet
551Kb / 3P
Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
logo
Lite-On Technology Corp...
HA-1101-24LF LITEON-HA-1101-24LF Datasheet
399Kb / 3P
Industrial Automation Panel Mount Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com