Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G19GF Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC1G19GF
Description  1-of-2 decoder/demultiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G19GF Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC1G19GF Datasheet HTML 3Page - NXP Semiconductors 74LVC1G19GF Datasheet HTML 4Page - NXP Semiconductors 74LVC1G19GF Datasheet HTML 5Page - NXP Semiconductors 74LVC1G19GF Datasheet HTML 6Page - NXP Semiconductors 74LVC1G19GF Datasheet HTML 7Page - NXP Semiconductors 74LVC1G19GF Datasheet HTML 8Page - NXP Semiconductors 74LVC1G19GF Datasheet HTML 9Page - NXP Semiconductors 74LVC1G19GF Datasheet HTML 10Page - NXP Semiconductors 74LVC1G19GF Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
74LVC1G19
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 6 December 2011
7 of 18
NXP Semiconductors
74LVC1G19
1-of-2 decoder/demultiplexer
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
12. AC waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 6.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A, E to nY; see Figure 5
[2]
VCC = 1.65 V to 1.95 V
1.0
4.0
10.5
1.0
13.1
ns
VCC = 2.3 V to 2.7 V
0.5
2.5
6.2
0.5
7.7
ns
VCC = 2.7 V
1.0
2.8
6.5
1.0
8.1
ns
VCC = 3.0 V to 3.6 V
0.5
2.5
5.2
0.5
6.0
ns
VCC = 4.5 V to 5.5 V
0.5
1.8
3.9
0.5
5.0
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V
[3]
-
18.9
-
-
-
pF
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 5.
The input A, E to output nY propagation delays
mnb127
A, E input
nY output
tPHL
tPLH
GND
VI
VM
VM
VM
VM
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com