Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574AT/3 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF8574AT/3
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8574AT/3 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF8574AT/3 Datasheet HTML 25Page - NXP Semiconductors PCF8574AT/3 Datasheet HTML 26Page - NXP Semiconductors PCF8574AT/3 Datasheet HTML 27Page - NXP Semiconductors PCF8574AT/3 Datasheet HTML 28Page - NXP Semiconductors PCF8574AT/3 Datasheet HTML 29Page - NXP Semiconductors PCF8574AT/3 Datasheet HTML 30Page - NXP Semiconductors PCF8574AT/3 Datasheet HTML 31Page - NXP Semiconductors PCF8574AT/3 Datasheet HTML 32Page - NXP Semiconductors PCF8574AT/3 Datasheet HTML 33Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
PCF8574_PCF8574A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 27 May 2013
29 of 33
NXP Semiconductors
PCF8574; PCF8574A
Remote 8-bit I/O expander for I2C-bus with interrupt
21. Revision history
Table 15.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCF8574_PCF8574A v.5
20130527
Product data sheet
-
PCF8574 v.4
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Electrical parameter letter-symbols and their definitions are updated to conform to NXP
presentation standards.
• Section 1 “General description”: updated
• Section 2 “Features and benefits”:
– third bullet item: appended “with non-overvoltage tolerant I/O held to VDD with 100 A
current source”
– added (new) fourth and seventh bullet items
– added sixth bullet item: “Total package sink capability of 80 mA”
– ninth bullet changed from “(10
A maximum)” to “(2.5 A typical)”
– deleted (old) 11th, 12th and 13th bullet items
• Added (new) eighth bullet item “Mobile devices”
• Table 1 “Ordering information”:
– Type number corrected from “PCF8574T” to “PCF8574/3”
– Type number corrected from “PCF8574AT” to “PCF8574AT/3”
– Type number corrected from “PCF8574TS” to “PCF8574TS/3”
– Type number corrected from “PCF8574ATS” to “PCF8574ATS/3”
• Added Section 4.1 “Ordering options”
• Figure 4 “Pin configuration for SO16”: updated type numbers (appended “/3”)
• Figure 5 “Pin configuration for SSOP20”: updated type numbers (appended “/3”)
• Section 6.2 “Pin description”: combined DIP16, SO16 and SSOP20 pin descriptions into
one table (Table 3)
• Section 7 “Functional description” reorganized
• Section 7.1 “Device address”, first paragraph, fourth sentence: appended “so they must be
externally held HIGH or LOW”
• Table 4 “PCF8574 address map” updated: added column for 7-bit hexadecimal address
without R/W
• Table 5 “PCF8574A address map” updated: added column for 7-bit hexadecimal address
without R/W
• Section 8.1 “Quasi-bidirectional I/Os”: re-written and placed before Section 8.4 “Power-on
reset”
• added Section 8.2 “Writing to the port (Output mode)”
• added Section 8.3 “Reading from a port (Input mode)”
• Figure 9 “Read mode (input)”: changed symbol “tps” to “tsu”
• Section 8.4 “Power-on reset” re-written
• Section 8.5 “Interrupt output (INT)” re-written
• Figure 10 “Application of multiple PCF8574/74As with interrupt” updated: changed
device 16 from “PCF8574” to “PCF8574A”
• Section 9.3 “Acknowledge”, first paragraph, third sentence re-written.
• Added Section 10 “Application design-in information”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com