Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8574TS/3 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8574TS/3
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8574TS/3 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8574TS/3 Datasheet HTML 1Page - NXP Semiconductors PCF8574TS/3 Datasheet HTML 2Page - NXP Semiconductors PCF8574TS/3 Datasheet HTML 3Page - NXP Semiconductors PCF8574TS/3 Datasheet HTML 4Page - NXP Semiconductors PCF8574TS/3 Datasheet HTML 5Page - NXP Semiconductors PCF8574TS/3 Datasheet HTML 6Page - NXP Semiconductors PCF8574TS/3 Datasheet HTML 7Page - NXP Semiconductors PCF8574TS/3 Datasheet HTML 8Page - NXP Semiconductors PCF8574TS/3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
PCF8574_PCF8574A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 27 May 2013
2 of 33
NXP Semiconductors
PCF8574; PCF8574A
Remote 8-bit I/O expander for I2C-bus with interrupt
Latch-up testing is done to JEDEC standard JESD78 which exceeds 100 mA
Packages offered: DIP16, SO16, SSOP20
3.
Applications
LED signs and displays
Servers
Key pads
Industrial control
Medical equipment
PLC
Cellular telephones
Mobile devices
Gaming machines
Instrumentation and test measurement
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Topside mark
Package
Name
Description
Version
PCF8574P
PCF8574P
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
PCF8574AP
PCF8574AP
PCF8574T/3
PCF8574T
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1
PCF8574AT/3
PCF8574AT
PCF8574TS/3
8574TS
SSOP20
plastic shrink small outline package; 20 leads;
body width 4.4 mm
SOT266-1
PCF8574ATS/3
8574A
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order
quantity
Temperature range
PCF8574P
PCF8574P,112
DIP16
Standard marking
* IC’s tube - DSC bulk pack
1000
Tamb = 40 C to +85 C
PCF8574AP
PCF8574AP,112
DIP16
Standard marking
* IC’s tube - DSC bulk pack
1000
Tamb = 40 C to +85 C
PCF8574T/3
PCF8574T/3,512
SO16
Standard marking
* tube dry pack
1920
Tamb = 40 C to +85 C
PCF8574T/3,518
SO16
Reel 13” Q1/T1
*standard mark SMD dry pack
1000
Tamb = 40 C to +85 C
PCF8574AT/3
PCF8574AT/3,512
SO16
Standard marking
* tube dry pack
1920
Tamb = 40 C to +85 C
PCF8574AT/3,518
SO16
Reel 13” Q1/T1
*standard mark SMD dry pack
1000
Tamb = 40 C to +85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com