Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08CSZ Datasheet(PDF) 8 Page - Analog Devices

Part # DAC08CSZ
Description  8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08CSZ Datasheet(HTML) 8 Page - Analog Devices

Back Button DAC08CSZ Datasheet HTML 4Page - Analog Devices DAC08CSZ Datasheet HTML 5Page - Analog Devices DAC08CSZ Datasheet HTML 6Page - Analog Devices DAC08CSZ Datasheet HTML 7Page - Analog Devices DAC08CSZ Datasheet HTML 8Page - Analog Devices DAC08CSZ Datasheet HTML 9Page - Analog Devices DAC08CSZ Datasheet HTML 10Page - Analog Devices DAC08CSZ Datasheet HTML 11Page - Analog Devices DAC08CSZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. B
DAC08
–8–
V+, POSITIVE POWER SUPPLY – V dc
10
8
7
6
0
5
4
3
2
1
020
2
9
4
6
8
10
12
14
16
18
I–
I+
ALL BITS “HIGH” OR “LOW”
TPC 10. Power Supply Current vs. V+
V–, NEGATIVE POWER SUPPLY – V dc
10
8
7
6
0
5
4
3
2
1
–0
–20
–2
9
–4
–6
–8 –10 –12 –14 –16 –18
BITS MAY BE “HIGH” OR “LOW”
I– WITH IREF = 2mA
I– WITH IREF = 0.2mA
I+
I– WITH IREF = 1mA
TPC 11. Power Supply Current vs. V–
14
15
+VREF
IREF
RREF
IIN
RIN
VIN
VIN
14
15
R15
(OPTIONAL)
RREF
+VREF
HIGH INPUT
IMPEDANCE
+VREF MUST BE ABOVE PEAK POSITIVE SWING OF V IN
RREF
R15
IREF PEAK NEGATIVE SWING OF IIN
Figure 7. Accommodating Bipolar References
14
15
RREF
(R14)
R15
IREF
+VREF
6789 10 11 12
4
2
FOR FIXED REFERENCE,
TTL OPERATION,
TYPICAL VALUES ARE:
VREF = 10.000V
RREF = 5.000k
R15 = RREF
CC = 0.01 F
VLC = 0V (GROUND)
5
MSB
B1 B2 B3 B4 B5 B6 B7
LSB
B8
VREF (+)
VREF (–)
316
13
1
V–
CC
COMP
0.1 F
0.1 F
V–
V+
VLC
IO
IO
IFR =
+VREF
RREF
255
256
IO + IO = IFR FOR
ALL LOGIC STATES
V+
Figure 8. Basic Positive Reference Operation
BASIC CONNECTIONS
TEMPERATURE – C
10
9
8
7
6
0
5
4
3
2
1
–50
0
50
100
150
I–
I+
ALL BITS “HIGH” OR “LOW”
IREF = 2.0mA
V– = –15V
V+ = +15V
TPC 12. Power Supply Current vs.
Temperature
14
IREF = 2.000mA
4
2
MSB
B1 B2 B3 B4 B5 B6 B7
LSB
B8
IO
IO
5.000k
5.000k
EO
EO
FULL RANGE
HALF-SCALE +LSB
HALF-SCALE
HALF-SCALE –LSB
ZERO-SCALE +LSB
ZERO-SCALE
B1
1
1
1
0
0
0
B2
1
0
0
1
0
0
B3
1
0
0
1
0
0
B4
1
0
0
1
0
0
B5
1
0
0
1
0
0
B6
1
0
0
1
0
0
B7
1
0
0
1
0
0
B8
1
1
0
1
1
0
IOmA
1.992
1.008
1.000
0.992
0.008
0.000
IOmA
0.000
0.984
0.992
1.000
1.984
1.992
EO
–9.960
–5.040
–5.000
–4.960
–0.040
0.000
EO
–0.000
–4.920
–4.960
–5.000
–9.920
–9.860
Figure 9. Basic Unipolar Negative Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com