Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57861S104F40 Datasheet(PDF) 2 Page - EPCOS

Part # B57861S104F40
Description  NTC thermistors for temperature measurement
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57861S104F40 Datasheet(HTML) 2 Page - EPCOS

  B57861S104F40 Datasheet HTML 1Page - EPCOS B57861S104F40 Datasheet HTML 2Page - EPCOS B57861S104F40 Datasheet HTML 3Page - EPCOS B57861S104F40 Datasheet HTML 4Page - EPCOS B57861S104F40 Datasheet HTML 5Page - EPCOS B57861S104F40 Datasheet HTML 6Page - EPCOS B57861S104F40 Datasheet HTML 7Page - EPCOS B57861S104F40 Datasheet HTML 8Page - EPCOS B57861S104F40 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Applications
Temperature measurement
Features
Short response time
High measuring accuracy
Tight B value tolerances
available
Epoxy resin encapsulation
PTFE-insulated leads of
silver-plated
nickel wire, AWG 30
Different lead length available
(50 mm and 350 mm)
UL approval (E69802)
Options
Alternative lead lengths on
request
Delivery mode
Bulk
Dimensional drawings
Length
50 mm
350 mm
Dimensions in mm
General technical data
Climatic category
(IEC 60068-1)
55/155/56
Max. power
(at 25
°C)
P25
60
mW
Resistance tolerance
∆R
R/RR
±1, ±3, ±5
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 1.5
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 15
s
Heat capacity
Cth
approx. 22.5
mJ/K
Temperature measurement
B57861S
Miniature sensors with bendable wires
S861
Page 2 of 14
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com