Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ContactFactory Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # ContactFactory
Description  BiCMOS Current-Mode PWM Controllers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

ContactFactory Datasheet(HTML) 1 Page - Micrel Semiconductor

  ContactFactory Datasheet HTML 1Page - Micrel Semiconductor ContactFactory Datasheet HTML 2Page - Micrel Semiconductor ContactFactory Datasheet HTML 3Page - Micrel Semiconductor ContactFactory Datasheet HTML 4Page - Micrel Semiconductor ContactFactory Datasheet HTML 5Page - Micrel Semiconductor ContactFactory Datasheet HTML 6Page - Micrel Semiconductor ContactFactory Datasheet HTML 7Page - Micrel Semiconductor ContactFactory Datasheet HTML 8Page - Micrel Semiconductor ContactFactory Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC38C42/3/4/5
Micrel, Inc.
September 2007
1
M9999-091107
MIC38C42/3/4/5
BiCMOS Current-Mode PWM Controllers
General Description
The MIC38C4x are fixed frequency, high performance, cur-
rent-mode PWM controllers. Micrel’s BiCMOS devices are
pin compatible with 384x bipolar devices but feature several
improvements.
Undervoltage lockout circuitry allows the ’42 and ’44 versions
to start up at 14.5V and operate down to 9V, and the ’43 and
’45 versions start at 8.4V with operation down to 7.6V. All
versions operate up to 20V.
When compared to bipolar 384x devices operating from a
15V supply, start-up current has been reduced to 50µAtypical
and operating current has been reduced to 4.0 mA typical.
Decreased output rise and fall times drive larger MOSFETs,
and rail-to-rail output capability increases efficiency, espe-
cially at lower supply voltages. The MIC38C4x also features
a trimmed oscillator discharge current and bandgap refer-
ence.
The MIC38C4x denotes 8-pin plastic DIP, SOIC, and MSOP
packages. MIC384Cx-1 denotes 14-pin plastic DIP and
SOIC packages. 8-pin devices feature small size, while 14-
pin devices separate the analog and power connections for
improved perfomance and power dissipation.
For fast rise and fall times and higher output drive, refer to
the MIC38HC4x.
Functional Diagram
Features
• Fast 40ns output rise and 30ns output fall times
• –40°C to +85°C temperature range
meets UC284x specifications
• High-performance, low-power BiCMOS Process
• Ultralow start-up current (50µA typical)
• Low operating current (4mA typical)
• CMOS outputs with rail-to-rail swing
• ≥ 500kHz current-mode operation
• Trimmed 5V bandgap reference
• Pin-for-pin compatible with UC3842/3843/3844/3845(A)
• Trimmed oscillator discharge current
• UVLO with hysteresis
• Low cross-conduction currents
Applications
• Current-mode, off-line, switched-mode power supplies
• Current-mode, dc-to-dc converters.
• Step-down “buck” regulators
• Step-up “boost” regulators
• Flyback, isolated regulators
• Forward converters
• Synchronous FET converters
T Q
S
R Q
R
2R
Oscillator
UVLO
5V
Reference
VDD
7 (12)
VREF
8 (14)
RT/CT
4 (7)
FB
2 (3)
2.5V
COMP
1 (1)
GND* (AGND)
5
(9)
ISNS
3 (5)
OUT
6 (10)
( )
pins are on MIC38C4x-1 (14-lead) versions only
*
MIC38C4x, (8-lead) versions only
†
‡
(VD)
(11)
(PGND)
(8)
35V
*
*
†
MIC38C42, MIC38C43 (96% max. duty cycle) versions only
‡
MIC38C44, MIC38C45 (50% max. duty cycle) versions only
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - ContactFactory

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CONT-GTC16S-2-A528 JAE-CONT-GTC16S-2-A528 Datasheet
75Kb / 1P
CLIP - SYNTHETIC RESIN
CONT-GTC16S-A528 JAE-CONT-GTC16S-A528 Datasheet
77Kb / 1P
CLIP - SYNTHETIC RESIN
CONT-JA16S JAE-CONT-JA16S Datasheet
80Kb / 1P
CONT-JA16S
CONT-JB12-20P-C1-D-PKG200 JAE-CONT-JB12-20P-C1-D-PKG200 Datasheet
113Kb / 2P
Compact Waterproof Ethernet Connector JB12 M12-style D-code contact, Size 20, Crimp size AWG22~24, Pin contact
CONT-JB12-20P-C2-D-PKG200 JAE-CONT-JB12-20P-C2-D-PKG200 Datasheet
75Kb / 2P
Compact Waterproof Ethernet Connector JB12 M12-style D-code contact, Size 20, Crimp size AWG26~30, Pin contact
More results

Similar Description - ContactFactory

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
BiCMOS CURRENT MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
80Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
BiCMOS 1A Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
BiCMOS Current-Mode PWM Controllers
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com