Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWC1206 Datasheet(PDF) 2 Page - AVX Corporation

Part # LCWC1206
Description  Wire Wound Chip Inductor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCWC1206 Datasheet(HTML) 2 Page - AVX Corporation

  LCWC1206 Datasheet HTML 1Page - AVX Corporation LCWC1206 Datasheet HTML 2Page - AVX Corporation LCWC1206 Datasheet HTML 3Page - AVX Corporation LCWC1206 Datasheet HTML 4Page - AVX Corporation LCWC1206 Datasheet HTML 5Page - AVX Corporation LCWC1206 Datasheet HTML 6Page - AVX Corporation LCWC1206 Datasheet HTML 7Page - AVX Corporation LCWC1206 Datasheet HTML 8Page - AVX Corporation LCWC1206 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
22
Wire Wound Chip Inductor
LCWC Series
LC
Family
LC = Chip Inductor
WC
Series
WC = Wire Wound
Ceramic
0402
Size
0402
0603
0805
1008
1206
K
Tolerance
G = 2%
J = 5%
K = 10%
R
Packaging
R = 7" Reel
101
Inductance
3N9 = 3.9nH
39N = 39nH
R39 = 390nH
3R9 = 3900nH
153 = 15000nH
G
Style
G = Standard
Q = High Q/
High Current
R = Low Profile
T
Termination
T = Sn Plating
A
Special
A = Standard
HOW TO ORDER
0402
STANDARD ELECTRICAL SPECIFICATIONS
lnductance
Tolerance
L Freq.
Quality Factor
SRF
DCR
lDC
900MHz
1.7GHz
(nH)
(MHz)
Min.
(GHz)
(Ω) max.
(mA) max.
L
Q
L
Q
1.0
±10%
250
16
12.70
0.045
1360
1.02
77
1.02
69
1.9
±10%
250
16
11.30
0.070
1040
1.72
68
1.74
82
2.0
±10%
250
16
11.10
0.070
1040
1.93
54
1.93
75
2.2
±10%
250
19
10.80
0.070
960
2.19
59
2.23
100
2.4
±10%
250
15
10.50
0.070
790
2.24
51
2.27
68
2.7
±10%
250
16
10.40
0.120
640
2.23
42
2.25
61
3.3
±10%
250
19
7.00
0.066
840
3.10
65
3.12
87
3.6
±5, ±10%
250
19
6.80
0.066
840
3.56
45
3.62
71
3.9
±5, ±10%
250
19
5.80
0.066
840
3.89
50
4.00
75
4.3
±5, ±10%
250
18
6.00
0.091
700
4.19
47
4.30
71
4.7
±5, ±10%
250
18
4.70
0.130
640
4.55
48
4.68
68
5.1
±5, ±10%
250
20
4.80
0.083
800
5.15
56
5.25
82
5.6
±5, ±10%
250
20
4.80
0.083
760
5.16
54
5.28
81
6.2
±5, ±10%
250
20
4.80
0.083
760
6.16
52
6.37
76
6.8
±5, ±10%
250
20
4.80
0.083
680
6.56
63
6.93
78
7.5
±5, ±10%
250
22
4.80
0.104
680
7.91
60
8.22
88
8.2
±5, ±10%
250
22
4.40
0.104
680
8.50
57
8.85
84
8.7
±5, ±10%
250
18
4.10
0.200
480
8.78
54
9.21
73
9.0
±5, ±10%
250
22
4.16
0.104
680
9.07
62
9.53
78
9.5
±5, ±10%
250
18
4.00
0.200
480
9.42
54
9.98
69
10
±2, ±5, ±10%
250
21
3.90
0.195
480
9.80
50
10.10
67
11
±2, ±5, ±10%
250
24
3.68
0.120
640
10.70
52
11.20
78
12
±2, ±5, ±10%
250
24
3.60
0.120
640
11.90
53
12.70
71
13
±2, ±5, ±10%
250
24
3.45
0.210
440
13.40
51
14.60
57
15
±2, ±5, ±10%
250
24
3.28
0.172
560
14.60
55
15.50
77
16
±2, ±5, ±10%
250
24
3.10
0.220
560
16.60
46
18.80
47
18
±2, ±5, ±10%
250
25
3.10
0.230
420
18.30
57
20.30
62
19
±2, ±5, ±10%
250
24
3.04
0.202
480
19.10
50
21.10
67
20
±2, ±5, ±10%
250
25
3.00
0.250
420
20.70
52
23.70
53
22
±2, ±5, ±10%
250
25
2.80
0.300
400
23.20
53
26.80
53
23
±2, ±5, ±10%
250
24
2.72
0.300
400
23.80
49
26.90
64
24
±2, ±5, ±10%
250
25
2.70
0.300
400
25.10
51
29.50
50
27
±2, ±5, ±10%
250
24
2.48
0.300
400
28.70
49
33.50
63
30
±2, ±5, ±10%
250
25
2.35
0.350
400
31.10
46
38.50
39
33
±2, ±5, ±10%
250
24
2.35
0.350
400
34.90
31
41.70
32
36
±2, ±5, ±10%
250
24
2.32
0.440
320
39.50
44
48.40
53
39
±2, ±5, ±10%
250
25
2.10
0.550
200
41.70
47
50.20
45
40
±2, ±5, ±10%
250
24
2.24
0.500
320
39.00
44
47.40
33
43
±2, ±5, ±10%
250
25
2.03
0.810
100
45.80
46
61.60
34
47
±2, ±5, ±10%
250
25
2.10
0.830
150
50.00
38
55.80
37
51
±2, ±5, ±10%
250
25
1.75
0.820
100
50.40
47
59.40
37
56
±2, ±5, ±10%
250
25
1.76
0.970
100
57.40
49
72.40
40
68
±2, ±5, ±10%
250
22
1.62
1.120
100
69.60
45
83.40
38



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com