Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDTD(LO-R1)C Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTD(LO-R1)C
Description  NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTD(LO-R1)C Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTD(LO-R1)C Datasheet HTML 1Page - Diodes Incorporated DDTD(LO-R1)C Datasheet HTML 2Page - Diodes Incorporated DDTD(LO-R1)C Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30399 Rev. 6 - 2
2 of 3
www.diodes.com
DDTD (LO-R1) C
© Diodes Incorporated
Electrical Characteristics
@TA = 25°C unless otherwise specified
R1, R2 Types
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
DDTD122LC
DDTD142JC
Vl(off)
0.3
0.3
⎯
⎯
V
VCC = 5V, IO = 100μA
Input Voltage
DDTD122LC
DDTD142JC
Vl(on)
⎯
⎯
2.0
2.0
V
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
Output Voltage
VO(on)
⎯
⎯
0.3V
V
IO/Il = 50mA/2.5mA
Input Current
DDTD122LC
DDTD142JC
Il
⎯
⎯
28
13
mA
VI = 5V
Output Current
IO(off)
⎯
⎯
0.5
μA
VCC = 50V, VI = 0V
DC Current Gain
DDTD122LC
DDTD142JC
Gl
56
56
⎯
⎯
⎯
VO = 5V, IO = 50mA
Gain-Bandwidth Product*
fT
⎯
200
⎯
MHz
VCE = 10V, IE = 5mA, f = 100MHz
* Transistor - For Reference Only
Electrical Characteristics
@TA = 25°C unless otherwise specified
R1-Only, R2-Only Types
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
⎯
⎯
V
IC = 50μA
Collector-Emitter Breakdown Voltage
BVCEO
40
⎯
⎯
V
IC = 1mA
Emitter-Base Breakdown Voltage
DDTD122TC
DDTD142TC
BVEBO
5
⎯
⎯
V
IE = 50μA
IE = 50μA
Collector Cutoff Current
ICBO
⎯
⎯
0.5
μA
VCB = 50V
Emitter Cutoff Current
DDTD122TC
DDTD142TC
IEBO
⎯
⎯
⎯
0.5
0.5
μA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
⎯
⎯
0.3
V
IC = 50mA, IB = 2.5mA
DC Current Transfer Ratio
DDTD122TC
DDTD142TC
hFE
100
100
250
250
600
600
⎯
IC = 5mA, VCE = 5V
Gain-Bandwidth Product*
fT
⎯
200
⎯
MHz
VCE = 10V, IE = -5mA, f = 100MHz
* Transistor - For Reference Only



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com