Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8315VRAGDA Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8315VRAGDA
Description  Public key execution unit (PKEU)
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315VRAGDA Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8315VRAGDA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8315VRAGDA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
© Freescale Semiconductor, Inc., 2011. All rights reserved.
Freescale Semiconductor
Data Sheet: Technical Data
This document provides an overview of the MPC8315E
PowerQUICC™ II Pro processor features, including a block
diagram showing the major functional components. The
MPC8315E contains a core built on Power Architecture™
technology. It is a cost-effective, low-power, highly
integrated host processor that addresses the requirements of
several storage, consumer, and industrial applications,
including main CPUs and I/O processors in network attached
storage (NAS), voice over IP (VoIP) router/gateway,
intelligent wireless LAN (WLAN), set top boxes, industrial
controllers, and wireless access points. The MPC8315E
extends the PowerQUICC II Pro family, adding higher CPU
performance, new functionality, and faster interfaces while
addressing the requirements related to time-to-market, price,
power consumption, and package size. Note that while the
MPC8315E supports a security engine, the MPC8315 does
not.
Document Number: MPC8315EEC
Rev. 2, 11/2011
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2. MPC8315E Features . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 8
4. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 14
5. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 15
6. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 17
7. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . 18
8. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
9. Ethernet: Three-Speed Ethernet, MII Management . 24
10. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
11. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
12. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
13. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
14. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
15. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . 51
16. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
17. Serial ATA (SATA) . . . . . . . . . . . . . . . . . . . . . . . . . . 68
18. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
19. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
20. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
21. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
22. TDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
23. Package and Pin Listings . . . . . . . . . . . . . . . . . . . . . 76
24. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
25. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95
26. System Design Information . . . . . . . . . . . . . . . . . . 100
27. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 103
28. Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . 105
MPC8315E
PowerQUICC II Pro Processor
Hardware Specifications


Similar Part No. - MPC8315VRAGDA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8315 FREESCALE-MPC8315 Datasheet
667Kb / 106P
MPC8315E PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8315 NXP-MPC8315 Datasheet
1Mb / 106P
PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
logo
Freescale Semiconductor...
MPC8315CVRADDA FREESCALE-MPC8315CVRADDA Datasheet
667Kb / 106P
MPC8315E PowerQUICC II Pro Processor Hardware Specifications
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8315E FREESCALE-MPC8315E Datasheet
667Kb / 106P
MPC8315E PowerQUICC II Pro Processor Hardware Specifications
More results

Similar Description - MPC8315VRAGDA

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA17501 DYNEX-MA17501 Datasheet
431Kb / 35P
Radiation Hard MIL-STD-1750A Execution unit
logo
List of Unclassifed Man...
FA11250 ETC2-FA11250 Datasheet
37Kb / 1P
Public Address Power Amplifiers
logo
ATMEL Corporation
ATVAULTIC460 ATMEL-ATVAULTIC460 Datasheet
830Kb / 30P
Public Key Pair Generation
logo
NXP Semiconductors
MF1ICS70 NXP-MF1ICS70_10 Datasheet
334Kb / 20P
Functional specification Public transportation
Rev. 4.4-25 November 2010
MF1ICS50 NXP-MF1ICS50_10 Datasheet
326Kb / 20P
Functional specification Public transportation
Rev. 5.6-24 November 2010
logo
Laird Tech Smart Techno...
TRA-B-24-49003P LSTD-TRA-B-24-49003P Datasheet
808Kb / 2P
Public safety
logo
Pulse A Technitrol Comp...
PSIBVU78 PULSE-PSIBVU78 Datasheet
1Mb / 11P
In Building Public Safety Antenna
PSUTWCNF PULSE-PSUTWCNF Datasheet
1Mb / 11P
In Building Public Safety
logo
Cypress Semiconductor
MB96345 CYPRESS-MB96345 Datasheet
1Mb / 109P
8-byte instruction execution queue
logo
Maxim Integrated Produc...
MAXREDES155 MAXIM-MAXREDES155 Datasheet
1Mb / 19P
DeepCover Embedded Security in IoT: Public-key Secured Data Paths Quick Start Guide
UG6389; Rev 2; 5/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com