Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250R120-R2 Datasheet(PDF) 6 Page - Littelfuse

Part # 250R120-R2
Description  Fast time - to - trip Access equipment Lan/Wan equipment
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R120-R2 Datasheet(HTML) 6 Page - Littelfuse

  250R120-R2 Datasheet HTML 1Page - Littelfuse 250R120-R2 Datasheet HTML 2Page - Littelfuse 250R120-R2 Datasheet HTML 3Page - Littelfuse 250R120-R2 Datasheet HTML 4Page - Littelfuse 250R120-R2 Datasheet HTML 5Page - Littelfuse 250R120-R2 Datasheet HTML 6Page - Littelfuse 250R120-R2 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
102
Revised: August 31, 2011
POLY-FUSE® Resettable PTCs
© 2011 Littelfuse, Inc.
250R Series
Radial Leaded > 250R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/250R.html for current information.
Part Ordering Number System
PACKAGING STYLE
R: RADIAL
I
HOLD CURRENT CODE
250 R 120
- RA Z R
T: PRE-TRIPPED DEVICE (OPTIONAL)
QUANTITY CODE: F=200 M=1000 U=500 Z=1200
SERIES
PEAK VOLTAGE RATING
BLANK: Bulk
R: Tape & Ammo
Rx: Resistance Range (x = A-Z or 1-9) [not applicable for all parts]
(Refer to Packaging or Electrical Characteristics tables)
Packaging
Part Number
Ordering
Number
I
hold
(A)
I
hold
Code
Packaging
Option
Quantity
Quantity &
Packaging Codes
250R080
250R080U
0.080
080
Bulk
500
U
250R080ZR
Tape and Ammo
1200
ZR
250R080T
250R080TU
0.080
080
Bulk
500
U
250R080TZR
Tape and Ammo
1200
ZR
250R120
250R120U
0.120
120
Bulk
500
U
250R120ZR
Tape and Ammo
1200
ZR
250R120-RA
250R120-RAU
0.120
120
Bulk
500
U
250R120-RAZR
Tape and Ammo
1200
ZR
250R120-RC
250R120-RCU
0.120
120
Bulk
500
U
250R120-RCZR
Tape and Ammo
1200
ZR
250R120-RF
250R120-RFU
0.120
120
Bulk
500
U
250R120-RFZR
Tape and Ammo
1200
ZR
250R120-R1
250R120-R1U
0.120
120
Bulk
500
U
250R120-R1ZR
Tape and Ammo
1200
ZR
250R120-R2
250R120-R2U
0.120
120
Bulk
500
U
250R120-R2ZR
Tape and Ammo
1200
ZR
250R120-R3
250R120-R3U
0.120
120
Bulk
500
U
250R120-R3ZR
Tape and Ammo
1200
ZR
250R120T
250R120TU
0.120
120
Bulk
500
U
250R120TZR
Tape and Ammo
1200
ZR
250R145
250R145U
0.145
145
Bulk
500
U
250R145ZR
Tape and Ammo
1200
ZR
250R145-RA
250R145-RAU
0.145
145
Bulk
500
U
250R145-RAZR
Tape and Ammo
1200
ZR
250R145-RB
250R145-RBU
0.145
145
Bulk
500
U
250R145-RBZR
Tape and Ammo
1200
ZR
250R145T
250R145TU
0.145
145
Bulk
500
U
250R145TZR
Tape and Ammo
1200
ZR
250R180
250R180F
0.180
180
Bulk
200
F
250R180MR
Tape and Ammo
1000
MR
250R180T
250R180TF
0.180
180
Bulk
200
F
250R180TMR
Tape and Ammo
1000
MR



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com