Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2211CDBVT Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2211CDBVT
Description  Advanced LinCMOS RAIL-TO-RAIL MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2211CDBVT Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLV2211CDBVT Datasheet HTML 22Page - Texas Instruments TLV2211CDBVT Datasheet HTML 23Page - Texas Instruments TLV2211CDBVT Datasheet HTML 24Page - Texas Instruments TLV2211CDBVT Datasheet HTML 25Page - Texas Instruments TLV2211CDBVT Datasheet HTML 26Page - Texas Instruments TLV2211CDBVT Datasheet HTML 27Page - Texas Instruments TLV2211CDBVT Datasheet HTML 28Page - Texas Instruments TLV2211CDBVT Datasheet HTML 29Page - Texas Instruments TLV2211CDBVT Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
TLV2211, TLV2211Y
Advanced LinCMOS RAILTORAIL
MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
SLOS156E − MAY 1996 − REVISED SEPTEMBER 2006
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
driving large capacitive loads (continued)
The unity-gain bandwidth (UGBW) frequency decreases as the capacitive load increases (see Figure 54). To
use equation 1, UGBW must be approximated from Figure 54.
10 k
Ω
10 k
Ω
VDD −/ GND
VDD +
Rnull
CL
VI
+
−
Figure 54. Series-Resistance Circuit
driving heavy dc loads
The TLV2211 is designed to provide better sinking and sourcing output currents than earlier CMOS rail-to-rail
output devices. This device is specified to sink 500
µA and source 250 µA at VDD = 3 V and VDD = 5 V at a
maximum quiescent IDD of 25 µA. This provides a greater than 90% power efficiency.
When driving heavy dc loads, such as 10 k
Ω, the positive edge can experience some distortion under slewing
conditions. This condition can be seen in Figure 39. This condition is affected by three factors:
D Where the load is referenced. When the load is referenced to either rail, this condition does not occur. The
distortion occurs only when the output signal swings through the point where the load is referenced.
Figure 40 illustrates two 10-k
Ω load conditions. The first load condition shows the distortion seen for a
10-k
Ω load tied to 2.5 V. The third load condition shows no distortion for a 10-kΩ load tied to 0 V.
D Load resistance. As the load resistance increases, the distortion seen on the output decreases. Figure 40
illustrates the difference seen on the output for a 10-k
Ω load and a 100-kΩ load with both tied to 2.5 V.
D Input signal edge rate. Faster input edge rates for a step input result in more distortion than with slower input
edge rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com