Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02BUE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF02BUE4
Description  5V Precision VOLTAGE REFERENCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF02BUE4 Datasheet(HTML) 3 Page - Texas Instruments

  REF02BUE4 Datasheet HTML 1Page - Texas Instruments REF02BUE4 Datasheet HTML 2Page - Texas Instruments REF02BUE4 Datasheet HTML 3Page - Texas Instruments REF02BUE4 Datasheet HTML 4Page - Texas Instruments REF02BUE4 Datasheet HTML 5Page - Texas Instruments REF02BUE4 Datasheet HTML 6Page - Texas Instruments REF02BUE4 Datasheet HTML 7Page - Texas Instruments REF02BUE4 Datasheet HTML 8Page - Texas Instruments REF02BUE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
REF02
3
SBVS003B
www.ti.com
Input Voltage ..................................................................................... +40V
Operating Temperature
P, U ................................................................................ –40
°C to +85°C
Storage Temperature Range
P, U ................................................................................ –65
°C to +125°
Output Short Circuit Duration (to Ground or VIN) ........................ Indefinite
Junction Temperature ....................................................... –65
°C to +150°
θ
JA P ......................................................................................... 120°C/W
U ........................................................................................... 80
°C/W
Lead Temperature (soldering, 60s) ............................................... +300
°C
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATIONS
Top View
DIP/SO
NC
V
IN
Temp
GND
NC
NC
V
OUT
Trim
1
2
3
4
8
7
6
5
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
SPECIFICATION
MAX DRIFT
DRAWING
TEMPERATURE
PRODUCT
VOUT at 25°C
(ppm/
°C)
PACKAGE
DESIGNATOR
RANGE
REF02AU
5V
±15mV
±15
SO-8
D
–40
°C to +85°C
REF02BU
5V
±10mV
±10
SO-8
D
–40
°C to +85°C
REF02AP
5V
±15mV
±15
DIP-8
P
–40
°C to +85°C
REF02BP
5V
±10mV
±10
DIP-8
P
–40
°C to +85°C
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or see the TI website
at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com