Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02BUG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF02BUG4
Description  5V Precision VOLTAGE REFERENCE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF02BUG4 Datasheet(HTML) 1 Page - Texas Instruments

  REF02BUG4 Datasheet HTML 1Page - Texas Instruments REF02BUG4 Datasheet HTML 2Page - Texas Instruments REF02BUG4 Datasheet HTML 3Page - Texas Instruments REF02BUG4 Datasheet HTML 4Page - Texas Instruments REF02BUG4 Datasheet HTML 5Page - Texas Instruments REF02BUG4 Datasheet HTML 6Page - Texas Instruments REF02BUG4 Datasheet HTML 7Page - Texas Instruments REF02BUG4 Datasheet HTML 8Page - Texas Instruments REF02BUG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
+5V Precision
VOLTAGE REFERENCE
FEATURES
q OUTPUT VOLTAGE: +5V
±0.2% max
q EXCELLENT TEMPERATURE STABILITY:
10ppm/
°C max (–40°C to +85°C)
q LOW NOISE: 10
µV
PP max (0.1Hz to 10Hz)
q EXCELLENT LINE REGULATION:
0.01%/V max
q EXCELLENT LOAD REGULATION:
0.008%/mA max
q LOW SUPPLY CURRENT: 1.4mA max
q SHORT-CIRCUIT PROTECTED
q WIDE SUPPLY RANGE: 8V to 40V
q INDUSTRIAL TEMPERATURE RANGE:
–40
°C to +85°C
q PACKAGE OPTIONS: DIP-8, SO-8
APPLICATIONS
q PRECISION REGULATORS
q CONSTANT CURRENT SOURCE/SINK
q DIGITAL VOLTMETERS
q V/F CONVERTERS
q A/D AND D/A CONVERTERS
q PRECISION CALIBRATION STANDARD
q TEST EQUIPMENT
DESCRIPTION
The REF02 is a precision 5V voltage reference. The drift is
laser trimmed to 10ppm/
°C max over the extended industrial
and military temperature range. The REF02 provides a stable
5V output that can be externally adjusted over a
±6% range
with minimal effect on temperature stability. The REF02
operates from a single supply with an input range of 8V to 40V
with a very low current drain of 1mA, and excellent temperature
stability due to an improved design. Excellent line and load
regulation, low noise, low power, and low cost make the
REF02 the best choice whenever a 5V voltage reference is
required. Available package options are DIP-8 and SO-8. The
REF02 is an ideal choice for portable instrumentation,
temperature transducers, Analog-to-Digital (A/D) and Digital-
to-Analog (D/A) converters, and digital voltmeters.
V
OUT
REF02
V
IN
Trim
GND
+5V Reference with Trimmed Output
2
6
5
4
R
POT
10k
Ω
(Optional)
Output
3
Temp
REF02
REF0
2
REF02
SBVS003B – JANUARY 1993 – REVISED JANUARY 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1993-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - REF02BUG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF02BUG4 BURR-BROWN-REF02BUG4 Datasheet
317Kb / 12P
5V Precision VOLTAGE REFERENCE
More results

Similar Description - REF02BUG4

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMSREF-02 ADMOS-AMSREF-02 Datasheet
55Kb / 6P
5V PRECISION VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF02 BURR-BROWN-REF02 Datasheet
317Kb / 12P
5V Precision VOLTAGE REFERENCE
logo
Linear Technology
LT1027 LINER-LT1027 Datasheet
167Kb / 8P
Precision 5V Reference
RH1021-5 LINER-RH1021-5 Datasheet
137Kb / 4P
Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
5V Precision Voltage Reference
1996
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500_06 Datasheet
320Kb / 10P
Precision 5V micropower voltage reference
logo
Linear Technology
RH1021-5 LINER-RH1021-5_15 Datasheet
101Kb / 4P
Precision 5V Reference
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_04 Datasheet
335Kb / 5P
5V Precision Voltage Reference
Rev 2; 7/04
MAX675 MAXIM-MAX675_V01 Datasheet
335Kb / 5P
5V Precision Voltage Reference
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com