Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APXA160ARA331MJC0G Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # APXA160ARA331MJC0G
Description  PXANPCAPTM- Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

APXA160ARA331MJC0G Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  APXA160ARA331MJC0G Datasheet HTML 1Page - United Chemi-Con, Inc. APXA160ARA331MJC0G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
(
µF)
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
◆STANDARD RATINGS
WV
(Vdc)
(Vdc)
Cap
(
µF)
Size
code
Leakage
current
(
µAmax/
(
µAmax/
after
2 min.)
ESR
(mΩmax/ 20℃,
(mΩmax/ 20℃,
100k to 300kHz)
Rated ripple
current
(mArms/105℃,
100kHz)
Part No.
2.5
220
F55
110
25
2,500
APXA2R5ARA221MF55G
220
F60
110
25
2,500
APXA2R5ARA221MF60G
560
H70
280
23
3,100
APXA2R5ARA561MH70G
680
HC0
340
12
4,770
APXA2R5ARA681MHC0G
1,000
J80
500
19
4,240
APXA2R5ARA102MJ80G
1,500
JC0
750
10
5,500
APXA2R5ARA152MJC0G
4
33
D55
66.0
200
740
APXA4R0ARA330MD55G
100
F55
80.0
26
2,450
APXA4R0ARA101MF55G
100
F60
80.0
26
2,450
APXA4R0ARA101MF60G
120
F46
240
38
1,710
APXA4R0ARA121MF46G
150
E60
120
30
1,490
APXA4R0ARA151ME60G
150
F55
120
26
2,450
APXA4R0ARA151MF55G
150
F60
120
26
2,450
APXA4R0ARA151MF60G
220
H70
176
25
3,020
APXA4R0ARA221MH70G
330
H70
264
25
3,020
APXA4R0ARA331MH70G
470
J80
376
20
4,130
APXA4R0ARA471MJ80G
560
HC0
448
12
4,770
APXA4R0ARA561MHC0G
680
J80
544
20
4,130
APXA4R0ARA681MJ80G
820
JC0
656
10
5,500
APXA4R0ARA821MJC0G
1,200
JC0
960
10
5,500
APXA4R0ARA122MJC0G
6.3
22
D55
69.0
200
740
APXA6R3ARA220MD55G
47
E60
59.2
35
1,380
APXA6R3ARA470ME60G
68
F60
85.6
27
2,400
APXA6R3ARA680MF60G
82
F46
267
40
1,670
APXA6R3ARA820MF46G
82
F55
103
27
2,400
APXA6R3ARA820MF55G
82
F60
103
27
2,400
APXA6R3ARA820MF60G
100
E60
126
35
1,380
APXA6R3ARA101ME60G
100
F46
315
40
1,670
APXA6R3ARA101MF46G
100
F55
126
27
2,400
APXA6R3ARA101MF55G
100
F60
126
27
2,400
APXA6R3ARA101MF60G
120
F60
151
27
2,400
APXA6R3ARA121MF60G
150
H70
189
25
3,020
APXA6R3ARA151MH70G
220
H70
277
25
3,020
APXA6R3ARA221MH70G
330
J80
416
20
4,130
APXA6R3ARA331MJ80G
390
HC0
491
12
4,770
APXA6R3ARA391MHC0G
470
HC0
592
12
4,770
APXA6R3ARA471MHC0G
470
J80
592
20
4,130
APXA6R3ARA471MJ80G
680
JC0
857
10
5,500
APXA6R3ARA681MJC0G
820
JC0
1,030
10
5,500
APXA6R3ARA821MJC0G
WV Cap
Size
code
Leakage
current
after
2 min.)
ESR
100k to 300kHz)
Rated ripple
current
(mArms/105℃,
100kHz)
Part No.
10
4.7
D55
24.0
240
670
APXA100ARA4R7MD55G
6.8
D55
34.0
240
670
APXA100ARA6R8MD55G
10
D55
50.0
220
700
APXA100ARA100MD55G
15
D55
75.0
200
740
APXA100ARA150MD55G
33
E60
66.0
40
1,270
APXA100ARA330ME60G
47
E60
94.0
40
1,270
APXA100ARA470ME60G
47
F46
235
41
1,560
APXA100ARA470MF46G
47
F60
94.0
31
2,250
APXA100ARA470MF60G
56
F55
112
31
2,250
APXA100ARA560MF55G
56
F60
112
31
2,250
APXA100ARA560MF60G
120
H70
240
27
2,800
APXA100ARA121MH70G
150
H70
300
27
2,800
APXA100ARA151MH70G
270
HC0
540
14
4,420
APXA100ARA271MHC0G
270
J80
540
24
3,770
APXA100ARA271MJ80G
330
HC0
660
14
4,420
APXA100ARA331MHC0G
330
J80
660
24
3,770
APXA100ARA331MJ80G
470
JC0
940
12
5,300
APXA100ARA471MJC0G
560
JC0
1,120
12
5,300
APXA100ARA561MJC0G
16
3.3
D55
26.0
260
660
APXA160ARA3R3MD55G
22
E60
70.4
45
1,210
APXA160ARA220ME60G
22
F46
176
45
1,490
APXA160ARA220MF46G
33
F60
106
37
2,050
APXA160ARA330MF60G
39
F55
125
37
2,050
APXA160ARA390MF55G
39
F60
125
37
2,050
APXA160ARA390MF60G
82
H70
262
30
2,700
APXA160ARA820MH70G
150
J80
480
26
3,430
APXA160ARA151MJ80G
180
HC0
576
16
4,360
APXA160ARA181MHC0G
180
J80
576
26
3,430
APXA160ARA181MJ80G
220
JC0
704
14
5,050
APXA160ARA221MJC0G
330
JC0
1,050
14
5,050
APXA160ARA331MJC0G
20
15
F46
150
57
1,300
APXA200ARA150MF46G
22
F55
88.0
50
1,650
APXA200ARA220MF55G
22
F60
88.0
50
1,650
APXA200ARA220MF60G
39
H70
156
45
2,000
APXA200ARA390MH70G
47
H70
188
45
2,000
APXA200ARA470MH70G
82
J80
328
40
2,500
APXA200ARA820MJ80G
150
JC0
600
20
4,320
APXA200ARA151MJC0G
23
15
F46
172
57
1,300
APXA230ARA150MF46G
25
10
F60
125
65
1,500
APXA250ARA100MF60G
22
H70
275
50
1,800
APXA250ARA220MH70G
39
J80
488
45
2,100
APXA250ARA390MJ80G
(2/2)
PXASeries
NPCAP
TM -
CAT. No. E1001M
Surface Mount



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com