Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH26P20P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH26P20P
Description  P-Channel Enhancement Mode Avalanche Rated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH26P20P Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH26P20P Datasheet HTML 1Page - IXYS Corporation IXTH26P20P Datasheet HTML 2Page - IXYS Corporation IXTH26P20P Datasheet HTML 3Page - IXYS Corporation IXTH26P20P Datasheet HTML 4Page - IXYS Corporation IXTH26P20P Datasheet HTML 5Page - IXYS Corporation IXTH26P20P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXTA26P20P IXTP26P20P
IXTP26P20P IXTQ26P20P
IXYS reserves the right to change limits, test conditions, and dimensions.
Fig. 1. Output Characteristics
@ 25ºC
-28
-24
-20
-16
-12
-8
-4
0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
VDS - Volts
VGS = -10V
-8V
-5V
-6V
-7V
Fig. 2. Extended Output Characteristics
@ 25ºC
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
VDS - Volts
VGS = -10V
-9V
-8V
-6V
-7V
-5V
Fig. 3. Output Characteristics
@ 150ºC
-28
-24
-20
-16
-12
-8
-4
0
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
VDS - Volts
VGS = -10V
-8V
-6V
-5V
-7V
Fig. 4. RDS(on) Normalized to ID = -13A vs.
Junction Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGS = -10V
I D = -26A
I D = -13A
Fig. 5. RDS(on) Normalized to ID = -13A vs.
Drain Current
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
ID - Amperes
VGS = -10V
-15V
- - - -
TJ = 25ºC
TJ = 175ºC
Fig. 6. Maximum Drain Current vs.
Case Temperature
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com