Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVZ3G103C01R00 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PVZ3G103C01R00
Description  TRIMMER POTENTIOMETER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ3G103C01R00 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PVZ3G103C01R00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ3G103C01R00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SPECIFICATION No. JVR03Z-7148B
2/12
UNCONTROLLED
COPY
REFERENCE ONLY
1. Scope
This specification defines the characteristics of Murata made Trimmer Potentiometer PVZ3G
C01 series
with carbon material of the resistive element.
2. Murata Part Number
PVZ3G
C01B00
Bulk
: 1000pcs./bag
PVZ3G
C01R00
Taping (Standard) : 2500pcs./reel
PVZ3G
C01R02
Taping (Option)
: 2500pcs./reel
Note 2) Taping direction: See 10.Taping Specifications.
Note 3) Please fill in your part number on the cross-reference table.
3. Outline Dimensions and Markings
Please see 9. Outline Dimensions.
4. Characteristics
4.1 Electrical characteristics
ITEM
SPECIFICATION
TEST
METHOD
Standard Resistance Range
220 ohm to 2.2M ohm
-
Standard Resistance Tolerance ±30% of nominal total resistance value
-
Taper
B (Linear)
• 50% position of effective rotational angle
- 40 to 60%
• Jump or reverse (except extreme end)
- 5% max.
• Jump or reverse (at the extreme end of #1 or #3) - 5% max.
-
Power Rating
50°C – 1/10W
85°C -
0W
*In case that the ambient temperature exceed
50°C, the derating curve is as Fig 1.
However, in case of partial load, power rating
reduces in proportion to the rotational angle
of wiper.
-
Voltage Rating
E=(P R)^1/2 E: Voltage rating (V)
P: Power rating (W)
R: Nominal total resistance value (ohm)
*However, in case that voltage rating exceed max. working voltage,
the max. working voltage should be applied as voltage rating.
-
Max. Working Voltage
50Vdc
-
Operating Temperature Range
-25°C to +85°C
-
Residual Resistance
220 ohm<=R<470 ohm : 10 ohm max. of nominal total resistance value
470 ohm<=R<=2.2M ohm: 2% max. of nominal total resistance value
-
Contact Resistance Variation
5% max. of nominal total resistance value
5.1
Temperature Coefficient
of Resistance
±500ppm/°C max.
5.2
Power
100%
0
50°C
85°C
Ambient Temperature
(Fig 1)
Note 1)
: Resistance code
Resistance Code Resistance Code Resistance Code Resistance Code Resistance Code Resistance Code
220 ohm 221
330 ohm 331
470 ohm 471
680 ohm 681
1k ohm 102
1.5k ohm 152
2.2k ohm 222
3.3k ohm 332
4.7k ohm 472
6.8k ohm 682
10k ohm 103
15k ohm 153
22k ohm 223
33k ohm 333
47k ohm 473
68k ohm 683
100k ohm 104
150k ohm 154
220k ohm 224
330k ohm 334
470k ohm 474
680k ohm 684
1M ohm 105
1.5M ohm 155
2.2M ohm 225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com