Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECOS1CP473EA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECOS1CP473EA
Description  Compact size for general purpose and industrial applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1CP473EA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECOS1CP473EA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1CP473EA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1CP473EA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1CP473EA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1CP473EA Datasheet HTML 5Page - Panasonic Semiconductor ECOS1CP473EA Datasheet HTML 6Page - Panasonic Semiconductor ECOS1CP473EA Datasheet HTML 7Page - Panasonic Semiconductor ECOS1CP473EA Datasheet HTML 8Page - Panasonic Semiconductor ECOS1CP473EA Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Aluminum Electrolytic Capacitors
TS-UP Standard Ratings
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
4700
22 x 20
1.60
1.84
0.159
0.135
22 x 25
1.77
2.04
0.159
0.135
6800
22 x 25
2.57
2.96
0.110
0.093
25 x 20
1.80
2.07
0.110
0.093
8200
22 x 25
3.10
3.57
0.091
0.077
10000
22 x 30
3.78
4.35
0.075
0.063
25 x 25
3.78
4.35
0.075
0.063
30 x 20
2.40
2.76
0.083
0.070
12000
22 x 30
4.52
5.20
0.062
0.053
25 x 25
4.52
5.20
0.062
0.053
15000
22 x 35
5.26
6.05
0.053
0.045
25 x 30
5.26
6.05
0.053
0.045
35 x 20
3.20
3.68
0.055
0.047
18000
22 x 40
5.57
6.41
0.046
0.039
25 x 30
5.57
6.41
0.046
0.039
22000
22 x 45
6.10
7.02
0.038
0.032
25 x 35
6.10
7.02
0.038
0.032
30 x 30
6.10
7.02
0.038
0.032
27000
25 x 45
6.31
7.26
0.031
0.026
30 x 35
6.31
7.26
0.031
0.026
33000
25 x 50
6.84
7.87
0.025
0.021
30 x 40
6.84
7.87
0.025
0.021
35 x 30
6.84
7.87
0.025
0.021
39000
30 x 45
6.94
7.98
0.021
0.018
35 x 35
6.94
7.98
0.021
0.018
47000
30 x 50
7.47
8.59
0.019
0.017
35 x 40
7.47
8.59
0.021
0.019
56000
35 x 45
8.73
10.04
0.019
0.018
68000
35 x 50
9.05
10.41
0.018
0.017
3300
22 x 20
1.60
1.84
0.176
0.141
22 x 25
1.68
1.93
0.161
0.129
4700
22 x 25
2.39
2.75
0.113
0.090
25 x 20
1.80
2.07
0.123
0.099
5600
22 x 25
2.86
3.29
0.095
0.076
6800
22 x 30
3.47
3.99
0.078
0.062
25 x 25
3.47
3.99
0.078
0.062
30 x 20
2.30
2.65
0.078
0.062
8200
22 x 30
3.57
4.11
0.065
0.052
25 x 25
3.57
4.11
0.065
0.052
10000
22 x 35
3.78
4.35
0.058
0.046
25 x 30
3.78
4.35
0.058
0.046
30 x 25
3.78
4.35
0.058
0.046
35 x 20
2.70
3.11
0.061
0.049
12000
22 x 40
4.10
4.72
0.048
0.039
25 x 35
4.10
4.72
0.048
0.039
30 x 30
4.10
4.72
0.048
0.039
15000
22 x 50
4.63
5.32
0.039
0.031
25 x 40
4.63
5.32
0.039
0.031
30 x 30
4.63
5.32
0.039
0.031
18000
25 x 45
5.47
6.29
0.035
0.028
30 x 35
5.47
6.29
0.035
0.028
22000
25 x 50
6.10
7.02
0.029
0.023
30 x 40
6.10
7.02
0.029
0.023
27000
30 x 45
6.21
7.14
0.023
0.019
35 x 35
6.21
7.14
0.025
0.020
33000
30 x 50
6.84
7.87
0.020
0.017
35 x 40
6.84
7.87
0.020
0.017
39000
35 x 45
7.36
8.46
0.019
0.017
47000
35 x 50
8.00
9.20
0.017
0.015
ECEC1CP223CA
ECEC1CP223DA
ECEC1CP273CA
ECEC1CP153BA
ECEC1CP153EL
ECEC1CP183BA
ECEC1CP183CA
ECEC1EP123CA
ECEC1EP123DA
ECEC1EP472BA
ECOS1EP153CA
ECOS1EP123BA
ECEC1EP123BA
ECEC1EP103BA
ECOS1EP103CA
ECOS1EP103DA
ECEC1EP103CA
ECEC1EP103DA
ECOS1EP103BA
ECOS1CP333CA
ECOS1CP333DA
ECEC1EP822BA
ECEC1EP822CA
ECOS1EP332BL
ECOS1EP332BA
ECOS1EP682CA
ECEC1CP393DA
ECEC1EP103EL
15
ECOS1EP473EA
ECOS1EP393EA
ECOS1EP223CA
ECOS1EP223DA
ECOS1EP273DA
ECOS1EP273EA
ECOS1EP333DA
ECOS1EP333EA
ECOS1CP683EA
ECOS1CP563EA
ECOS1CP473EA
ECOS1CP473DA
ECEC1CP153CA
ECEC1CP103BA
ECEC1CP123CA
ECOS1CP223BA
ECOS1CP123CA
ECOS1CP153EL
ECOS1CP183BA
ECOS1CP183CA
ECEC1CP223BA
ECOS1EP562BA
ECEC1EP223DA
ECOS1EP153DA
ECOS1EP682DL
ECOS1EP822BA
ECOS1EP822CA
ECEC1EP183CA
ECEC1EP682DL
ECEC1EP223CA
ECOS1EP103EL
ECEC1EP183DA
ECEC1EP273DA
ECOS1EP183DA
ECOS1EP123CA
ECOS1EP123DA
ECOS1EP153BA
ECEC1EP153BA
ECEC1EP153CA
ECOS1EP183CA
ECEC1EP153DA
ECOS1CP273CA
ECOS1EP682BA
25 VDC Working, 32 VDC Surge
ECEC1CP473DA
ECEC1CP393EA
ECOS1CP393EA
ECOS1CP393DA
ECOS1CP273DA
ECOS1CP333EA
ECEC1EP472CL
ECEC1EP273EA
ECEC1EP333DA
ECEC1EP333EA
ECEC1EP393EA
ECEC1EP473EA
ECOS1CP223DA
ECEC1CP472BL
ECEC1CP472BA
ECEC1CP682BA
ECEC1CP682CL
ECEC1CP123BA
ECEC1CP103CA
ECEC1CP103DL
16 VDC Working, 20 VDC Surge
ECOS1CP223CA
ECOS1CP153CA
ECOS1CP103CA
ECOS1CP103DL
ECOS1CP123BA
ECOS1CP153BA
ECOS1CP682BA
ECOS1CP822BA
ECOS1CP472BL
ECOS1CP472BA
ECOS1CP103BA
20°C ESR (Ω, max.)
Part numbers shown with 2 pins
Max 85°C R.C. (Arms)
ECEC1CP822BA
ECOS1CP682CL
ECOS1EP472BA
ECOS1EP472CL
6.3mm Length Terminal
Panasonic Part Number (By Terminal Length)
4.0mm Length Terminal
Size (mm)
D x L
ECEC1EP562BA
ECEC1EP682BA
ECEC1EP682CA
ECEC1EP332BL
ECEC1EP332BA
ECEC1CP273DA
ECEC1CP683EA
ECEC1CP563EA
ECEC1CP473EA
ECEC1CP333EA
ECEC1CP333DA
ECEC1CP333CA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com