Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEEHD0J102AP Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEEHD0J102AP
Description  Aluminum Electrolytic Capacitors/ HD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHD0J102AP Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEEHD0J102AP Datasheet HTML 1Page - Panasonic Semiconductor EEEHD0J102AP Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HD
– EEE-29 –
330
HD
j
Capacitance (
µF)
Rated voltage Mark
Series identification
Mark for Lead-Free
Products Black Dot
(Square)
Lot number
Negative polarity
marking (–)
A
±0.2
W
() Reference size
L
+
–
0.3 max.
Pressure Relief (
φ10 and larger)
■ Features
● Endurance: 105 °C 5000 h
● Vibration-proof product is available upon request. (φ8 mm and larger)
● RoHS directive compliant
Surface Mount Type
Series:
HD Type: V
※6.3V to 35V : High temperature Lead-Free reflow (suffix:A
✽)
 50V to 100V : Standard Lead-Free reflow
■ Specifications
■ Dimensions in mm (not to scale)
■ Marking
Example: 6.3 V 330 µF
Marking color: BLACK
Category Temp. Range
–40 °C to +105 °C
Rated W.V. Range
6.3 V.DC to 100 V.DC
Nominal Cap. Range
0.47 µF to 1000 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater)
tan
δ
Please see the attached High temperature lead-free reflow products list.
Characteristics
at Low Temperature
W.V. (V)
6.3
10
16
25
35
50
63
100
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)
3
3
2
22222
Z(–40 °C)/Z(+20 °C)
4
4
3
33333
Endurance
After applying rated working voltage for 5000 hours at +105 °C±2 °C and then being stabilized at +20 °C,
capacitors shall meet the following limits.
Capacitance change
±30 % of initial measured value
tan
δ
< 300 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C,
capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Capacitance change
±20 % of initial measured value
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change
±10 % of initial measured value
tan
δ
< initial specified value
DC leakage current
< initial specified value
Size
code
DL
A, B
H
I
W
P
K
B
4.0
5.8±0.3
4.3
5.5 max.
1.8
0.65±0.1
1.0
0.35 - 0.20
C
5.0
5.8±0.3
5.3
6.5 max.
2.2
0.65±0.1
1.5
0.35 - 0.20
D
6.3
5.8±0.3
6.6
7.8 max.
2.6
0.65±0.1
1.8
0.35 - 0.20
D8
6.3
7.7±0.3
6.6
7.8 max.
2.6
0.65±0.1
1.8
0.35 - 0.20
E
8.0
6.2±0.3
8.3
9.5 max.
3.4
0.65±0.1
2.2
0.35 - 0.20
F
8.0
10.2±0.3
8.3 10.0 max.
3.4
0.90±0.2
3.1
0.70±0.20
G
10.0
10.2±0.3
10.3 12.0 max.
3.5
0.90±0.2
4.6
0.70±0.20
+ 0.15
+ 0.15
+ 0.15
+ 0.15
+ 0.15
Frequency (Hz)
50, 60
120
1 k
10 k to
Correction factor
0.70
1.00
1.30
1.70
■ Frequency correction factor for ripple current
j
6.3 V
A
10 V
C
16 V
E
25 V
V
35 V
Rated Voltage Mark
H
50 V
J
63 V
2A
100 V
(Unit : mm)
00 Nov. 2012


Similar Part No. - EEEHD0J102AP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEHD0J102AP PANASONIC-EEEHD0J102AP Datasheet
125Kb / 2P
Surface Mount Type
EEEHD0J102AP PANASONIC-EEEHD0J102AP Datasheet
81Kb / 2P
Aluminum Electrolytic Capacitors/ HD
EEEHD0J102AP PANASONIC-EEEHD0J102AP Datasheet
81Kb / 2P
Aluminum Electrolytic Capacitors/ HD
EEEHD0J102AP PANASONIC-EEEHD0J102AP Datasheet
63Kb / 2P
Aluminum Electrolytic Capacitors
More results

Similar Description - EEEHD0J102AP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVHD1A101P PANASONIC-EEVHD1A101P Datasheet
39Kb / 2P
Aluminum Electrolytic Capacitor/HD
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
logo
Panasonic Semiconductor
EEU-HD1E472 PANASONIC-EEU-HD1E472 Datasheet
75Kb / 3P
Aluminum Electrolytic Capacitors/ HD
EET-HD2W561LJ PANASONIC-EET-HD2W561LJ Datasheet
54Kb / 2P
Aluminum Electrolytic Capacitors/ HD
EEE-HD1H2R2R PANASONIC-EEE-HD1H2R2R Datasheet
81Kb / 2P
Aluminum Electrolytic Capacitors/ HD
EET-HD2W331KJ PANASONIC-EET-HD2W331KJ Datasheet
67Kb / 2P
Aluminum Electrolytic Capacitors/ HD
EEE-HD1E101AP PANASONIC-EEE-HD1E101AP Datasheet
81Kb / 2P
Aluminum Electrolytic Capacitors/ HD
logo
Panasonic Battery Group
EEU-HD1C101 PANASONICBATTERY-EEU-HD1C101 Datasheet
88Kb / 3P
Aluminum Electrolytic Capacitors/ HD
logo
Panasonic Semiconductor
EEU-HD1H100 PANASONIC-EEU-HD1H100 Datasheet
82Kb / 3P
Aluminum Electrolytic Capacitors/ HD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com