Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEU-FR1V152S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEU-FR1V152S
Description  Aluminum Electrolytic Capacitors/ FR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEU-FR1V152S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEU-FR1V152S Datasheet HTML 1Page - Panasonic Semiconductor EEU-FR1V152S Datasheet HTML 2Page - Panasonic Semiconductor EEU-FR1V152S Datasheet HTML 3Page - Panasonic Semiconductor EEU-FR1V152S Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FR
φ10<
φd±0.05
Sleeve
14 min.
3 min.
L✽
✽ L<16:L±1.5
L
>20:L
±2.0
Pressure relief
φ6.3<
+
–
<
φ8
φD±0.5
φD±0.5
■ Country of origin
Malaysia
Radial Lead Type
Series:
FR
Type:
A
■ Specifications
Category Temp. Range
–40 °C to +105 °C
Rated W.V. Range
6.3 V.DC to 50 V.DC
Nominal Cap. Range
22 µF to 8200 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV (µA) After 2 minutes
tan
δ
W.V.
6.3
10
16
25
35
50
(120 Hz/+20 °C)
tan
δ
0.22
0.19
0.16
0.14
0.12
0.10
Add 0.02 per 1000 µF for products of 1000 µF or more.
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied. (The sum
of DC and ripple peak voltage shall not exceed the rated working voltage) when the capacitors
are restored to 20 °C, the capacitors shall meet the limits specified below.
Duration
φ5 11/ φ6.3 11.2 : 2000 hours, φ8 11.5/ φ10 12.5 : 6000 hours
φ8 15/ φ10 16 : 8000 hours, φ8×20 : 9000 hours
φ10 20 to φ10 25/ φ12.5 20 to φ12.5 35/ φ16 20 to φ16 25 : 10000 hours
Capacitance change ±25 % of initial measured value (6.3 V to 10 V : ±30 %)
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
■ Dimensions in mm (not to scale)
W.V.(V.DC)
Cap (µF)
Frequency (Hz)
60
120
1 k
10 k
100 k
6.3 to 50
22
to
33
0.45
0.55
0.75
0.90
1.00
47
to
330
0.60
0.70
0.85
0.95
1.00
390
to
1000
0.65
0.75
0.90
0.98
1.00
1200
to
8200
0.75
0.80
0.95
1.00
1.00
■ Frequency correction factor for ripple current
Body Dia.
φD5
6.3
8
10
12.5
16
Body Length L
—
—
—
—
12.5 to 25
30 to 35
—
Lead Dia.
φd0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead space F
2.0
2.5
3.5
5.0
5.0
7.5
(mm)
[mm]
■ Features
● Low ESR (Same as FM Series)
● Endurance : 2000 h to 10000 h at +105 °C
● RoHS directive compliant
Apr. 2010
01


Similar Part No. - EEU-FR1V152S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FR1V222L PANASONIC-EEU-FR1V222L Datasheet
509Kb / 12P
Radial Lead Type
28-Feb-20
EEU-FR1V391LB PANASONIC-EEU-FR1V391LB Datasheet
120Kb / 5P
Aluminum Electrolytic Capacitors/ FR
logo
Panasonic Battery Group
EEU-FR1V821L PANASONICBATTERY-EEU-FR1V821L Datasheet
128Kb / 5P
Aluminum Electrolytic Capacitors/ FR
More results

Similar Description - EEU-FR1V152S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFR0J15 PANASONIC-EEUFR0J15 Datasheet
120Kb / 5P
Aluminum Electrolytic Capacitors FR
EEU-FR1J181B PANASONIC-EEU-FR1J181B Datasheet
120Kb / 5P
Aluminum Electrolytic Capacitors/ FR
EEUFR1V271B PANASONIC-EEUFR1V271B Datasheet
119Kb / 5P
Aluminum Electrolytic Capacitors/ FR
EEU-FR1C152 PANASONIC-EEU-FR1C152 Datasheet
128Kb / 5P
Aluminum Electrolytic Capacitors/ FR
EEU-FR1E821B PANASONIC-EEU-FR1E821B Datasheet
120Kb / 5P
Aluminum Electrolytic Capacitors/ FR
EEU-FR1J271UB PANASONIC-EEU-FR1J271UB Datasheet
120Kb / 5P
Aluminum Electrolytic Capacitors/ FR
logo
Panasonic Battery Group
EEU-FR1V821L PANASONICBATTERY-EEU-FR1V821L Datasheet
128Kb / 5P
Aluminum Electrolytic Capacitors/ FR
logo
Panasonic Semiconductor
EEU-FR0J821B PANASONIC-EEU-FR0J821B Datasheet
120Kb / 5P
Aluminum Electrolytic Capacitors/ FR
EEU-FR1C101B PANASONIC-EEU-FR1C101B Datasheet
120Kb / 5P
Aluminum Electrolytic Capacitors/ FR
EEU-FR1E151 PANASONIC-EEU-FR1E151 Datasheet
129Kb / 5P
Aluminum Electrolytic Capacitors/ FR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com