Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST16211 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FST16211
Description  24-Bit Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST16211 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FST16211 Datasheet HTML 1Page - Fairchild Semiconductor FST16211 Datasheet HTML 2Page - Fairchild Semiconductor FST16211 Datasheet HTML 3Page - Fairchild Semiconductor FST16211 Datasheet HTML 4Page - Fairchild Semiconductor FST16211 Datasheet HTML 5Page - Fairchild Semiconductor FST16211 Datasheet HTML 6Page - Fairchild Semiconductor FST16211 Datasheet HTML 7Page - Fairchild Semiconductor FST16211 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Connection Diagrams
Pin Assignment for SSOP and TSSOP
Pin Assignment for FBGA
TOP VIEW
Pin Descriptions
FBGA Pin Assignments
Truth Table
Pin Name
Description
OE1, OE2
Bus Switch Enables
1A, 2A
Bus A
1B, 2B
Bus B
1
234
56
A
1A2
1A1
NC
OE2
1B1
1B2
B
1A4
1A3
1A7
OE1
1B3
1B4
C
1A6
1A5
GND
1B7
1B5
1B6
D
1A10
1A9
1A8
1B8
1B9
1B10
E
1A12
1A11
2A1
2B1
1B11
1B12
F
2A4
2A3
2A2
2B2
2B3
2B4
G
2A6
2A5
VCC
GND
2B5
2B6
H
2A8
2A7
2A11
2B11
2B7
2B8
J
2A10
2A9
2A12
2B12
2B9
2B10
Inputs
Inputs/Outputs
OE1
OE2
1A, 1B
2A, 2B
LL
1A
= 1B
2A
= 2B
LH
1A
= 1B
Z
HL
Z
2A
= 2B
HH
Z
Z



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com