Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOD817ASD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FOD817ASD
Description  AC input response (FOD814 only), Applicable to Pb-free IR reflow soldering
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FOD817ASD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FOD817ASD Datasheet HTML 1Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 2Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 3Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 4Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 5Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 6Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 7Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 8Page - List of Unclassifed Manufacturers FOD817ASD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD814 Series, FOD817 Series Rev. 1.1.5
2
Absolute Maximum Ratings (T
A = 25°C Unless otherwise specified.)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Value
Units
FOD814
FOD817
TOTAL DEVICE
TSTG
Storage Temperature
-55 to +150
°C
TOPR
Operating Temperature
-55 to +105
-55 to +110
°C
TSOL
Lead Solder Temperature
260 for 10 sec
°C
TJ
Junction Temperature
125 Max.
°C
θJC
Junction-to-Case Thermal Resistance
210
°C/W
PTOT
Total Power Dissipation
200
mW
EMITTER
IF
Continuous Forward Current
±50
50
mA
VR
Reverse Voltage
6
PD
Power Dissipation
Derate above 100°C
70
1.7
mW
mW/°C
DETECTOR
VCEO
Collector-Emitter Voltage
70
V
VECO
Emitter-Collector Voltage
6
V
IC
Continuous Collector Current
50
mA
PC
Collector Power Dissipation
Derate above 90°C
150
2.9
mW
mW/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com