Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOD817S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FOD817S
Description  Applicable to Pb-free IR reflow soldering, Compact 4-pin package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FOD817S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FOD817S Datasheet HTML 3Page - List of Unclassifed Manufacturers FOD817S Datasheet HTML 4Page - List of Unclassifed Manufacturers FOD817S Datasheet HTML 5Page - List of Unclassifed Manufacturers FOD817S Datasheet HTML 6Page - List of Unclassifed Manufacturers FOD817S Datasheet HTML 7Page - List of Unclassifed Manufacturers FOD817S Datasheet HTML 8Page - List of Unclassifed Manufacturers FOD817S Datasheet HTML 9Page - List of Unclassifed Manufacturers FOD817S Datasheet HTML 10Page - List of Unclassifed Manufacturers FOD817S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD814 Series, FOD817 Series Rev. 1.1.5
7
Typical Electrical/Optical Characteristics (Continued) (T
A = 25°C Unless otherwise specified.)
Test Circuit for Response Time
Test Circuit for Frequency Response
Input
R
Output
Input
R
D
Output
L
Vcc
td
tr
tf
ts
90%
10%
Output
RD
L
R
Vcc
LOAD RESISTANCE RL (kΩ)
Fig. 13 Response Time
vs. Load Resistance
FREQUENCY f (kHz)
Fig. 14 Frequency Response
CE
V
= 2V
Ic= 2mA
Ta = 25°C
tr
tf
ts
td
R =10k
L
1k
100
VCE = 2V
Ic = 2mA
Ta = 25°C
-20
0.1
0.1
0.2
0.5
1
2
5
10
0.2
0.5
1
2
5
10
20
50
100
0.2
-10
0
15 2
0.5
1000
100
10
AMBIENT TEMPERATURE TA (°C)
Fig. 15 Collector Dark Current
vs. Ambient Temperature
-60 -40 -20
0
20 40 60 80 100 120
0.01
0.1
1
10
100
1000
10000
VCE = 20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com