Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST16232 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST16232
Description  Synchronous 16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST16232 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST16232 Datasheet HTML 1Page - Fairchild Semiconductor FST16232 Datasheet HTML 2Page - Fairchild Semiconductor FST16232 Datasheet HTML 3Page - Fairchild Semiconductor FST16232 Datasheet HTML 4Page - Fairchild Semiconductor FST16232 Datasheet HTML 5Page - Fairchild Semiconductor FST16232 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS500054
www.fairchildsemi.com
July 1997
Revised December 1999
FST16232
Synchronous 16-Bit to 32-Bit
Multiplexer/Demultiplexer Bus Switch
General Description
The Fairchild Switch FST16232 is a 16-bit to 32-bit high-
speed CMOS TTL-compatible synchronous multiplexer/
demultiplexer bus switch. The low on resistance of the
switch allows inputs to be connected to outputs without
adding propagation delay or generating additional ground
bounce noise.
The device allows two separate datapaths to be multi-
plexed onto, or demultiplexed from, a single path. Two con-
trol select pins (S1, S0) are synchronous and clocked on
the rising edge of CLK when CLKEN is LOW.
Features
s 4
Ω switch connection between two ports.
s Minimal propagation delay through the switch.
s Low lCC.
s Zero bounce in flow-through mode.
s Control inputs compatible with TTL level.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Order Number
Package Number
Package Description
FST16232MEA
MS56A
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300 Wide
FST16232MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Similar Part No. - FST16232

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST16230 MICROSEMI-FST16230 Datasheet
120Kb / 2P
Schottky Powermod
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FST16233 FAIRCHILD-FST16233 Datasheet
101Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
logo
Fairchild Semiconductor
FST16233MEA FAIRCHILD-FST16233MEA Datasheet
100Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
More results

Similar Description - FST16232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390 Datasheet
75Kb / 5P
16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160 FAIRCHILD-FSTU32160 Datasheet
96Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160 FAIRCHILD-FSTU32160_06 Datasheet
118Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with ??V Undershoot Protection
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390_07 Datasheet
303Kb / 11P
16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Fairchild Semiconductor
FSTU32160MTDX FAIRCHILD-FSTU32160MTDX Datasheet
124Kb / 7P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with ??V Undershoot Protection
FST16233MTDX FAIRCHILD-FST16233MTDX Datasheet
101Kb / 6P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com