Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3G4250D Datasheet(PDF) 20 Page - STMicroelectronics

Part # A3G4250D
Description  MEMS motion sensor: 3-axis digital output gyroscope
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A3G4250D Datasheet(HTML) 20 Page - STMicroelectronics

Back Button A3G4250D Datasheet HTML 16Page - STMicroelectronics A3G4250D Datasheet HTML 17Page - STMicroelectronics A3G4250D Datasheet HTML 18Page - STMicroelectronics A3G4250D Datasheet HTML 19Page - STMicroelectronics A3G4250D Datasheet HTML 20Page - STMicroelectronics A3G4250D Datasheet HTML 21Page - STMicroelectronics A3G4250D Datasheet HTML 22Page - STMicroelectronics A3G4250D Datasheet HTML 23Page - STMicroelectronics A3G4250D Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Main digital blocks
A3G4250D
20/44
Doc 022768 Rev 3
Figure 10.
FIFO access sequence in asynchronous mode
If the above sequence is not followed, the acquisition from FIFO may lead to corrupted data.
WTM = ‘1’
No
Read FIFO SRC (2Fh)
n = FSS<4-0>
Burst Read from ‘2Ah’ of
6 registers (Y, Z, X)
Yes
n = 0
n--
No
Yes
Example:
FSS = 1
read twice
FSS = 2
read 3 times
Dummy Read from ‘28h’
(increment bit =‘0’)
AM10248V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com