Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLM18HB331SN1 Datasheet(PDF) 71 Page - Murata Manufacturing Co., Ltd.

Part # BLM18HB331SN1
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18HB331SN1 Datasheet(HTML) 71 Page - Murata Manufacturing Co., Ltd.

Back Button BLM18HB331SN1 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
82
10
20
30
40
50
60
70
300
400
500
600
700
800
900
1000
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
10
20
30
40
50
60
70
300
400
500
600
700
800
900
1000
Initial
10
20
30
40
50
60
70
300
400
500
600
700
800
900
1000
Initial
BLM18AG102SN1
2000
1500
1000
500
0
10
1
100
1000
2000
BLM18HG102SN1
BLM18AG102SN1
Frequency (MHz)
74HC00
74AC04
74HCU04
10MHz
Measured radiation at 3m distance
BLM
Noise Suppression of BLM18H
in UHF Range
Type of Filter
EMI Suppression Effect / Description
Comparison between BLM18HG102SN1 and BLM18AG102SN1 (Current Item)
Initial
(No filter)
Conventional Type
BLM18AG102SN1
(1000
Ω at 100MHz)
for GHz Noise Suppression
BLM18HG102SN1
(1000
Ω at 100MHz)
Testing Circuit
Current BLM18AG are effective in
suppressing noise in the range between
300MHz and 700MHz.
In addition to the effectiveness of
current BLM, BLM18HG suppresses
noise in the range beyond 700MHz.
BLM18H Series
EMI
Suppression
Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com