Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0102DA-5AL3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # P0102DA-5AL3
Description  Sensitive standard SCRs up to 0.8 A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0102DA-5AL3 Datasheet(HTML) 2 Page - STMicroelectronics

  P0102DA-5AL3 Datasheet HTML 1Page - STMicroelectronics P0102DA-5AL3 Datasheet HTML 2Page - STMicroelectronics P0102DA-5AL3 Datasheet HTML 3Page - STMicroelectronics P0102DA-5AL3 Datasheet HTML 4Page - STMicroelectronics P0102DA-5AL3 Datasheet HTML 5Page - STMicroelectronics P0102DA-5AL3 Datasheet HTML 6Page - STMicroelectronics P0102DA-5AL3 Datasheet HTML 7Page - STMicroelectronics P0102DA-5AL3 Datasheet HTML 8Page - STMicroelectronics P0102DA-5AL3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
P010xx
2/11
1
Characteristics
Table 2.
Absolute ratings (limiting values) P010xxA and P010xxN
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
TO-92
Tl = 55 °C
0.8
A
SOT-223
Tamb = 70 °C
IT(AV)
Average on-state current (180° conduction angle)
TO-92
Tl = 55 °C
0.5
A
SOT-223
Tamb = 70 °C
ITSM
Non repetitive surge peak on-state current
tp = 8.3 ms
Tj = 25 °C
8
A
tp = 10 ms
7
I²tI²t Value for fusing
tp = 10 ms
Tj = 25 °C
0.24
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125 °C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
1
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
0.1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
Table 3.
Absolute ratings (limiting values) P010xxL
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tamb = 36 °C
0.25
A
IT(AV)
Average on-state current (180° conduction angle)
Tamb = 36 °C
0.16
A
ITSM
Non repetitive surge peak on-state current
tp = 8.3 ms
Tj = 25 °C
7
A
tp = 10 ms
6
I²tI²t Value for fusing
tp = 10 ms
Tj = 25 °C
0.18
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125 °C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
0.5
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
0.02
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com