Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST32253 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST32253
Description  Dual 4:1 Multiplexer/Demultiplexer Bus Switch with 25??Series Resistor in Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST32253 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST32253 Datasheet HTML 1Page - Fairchild Semiconductor FST32253 Datasheet HTML 2Page - Fairchild Semiconductor FST32253 Datasheet HTML 3Page - Fairchild Semiconductor FST32253 Datasheet HTML 4Page - Fairchild Semiconductor FST32253 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500472
www.fairchildsemi.com
August 2001
Revised September 2001
FST32253
Dual 4:1 Multiplexer/Demultiplexer Bus Switch
with 25
Ω Series Resistor in Outputs
General Description
The Fairchild Switch FST32253 is a dual 4:1 high-speed
CMOS
TTL-compatible
multiplexer/demultiplexer
bus
switch. The low On Resistance of the switch allows inputs
to be connected to outputs without adding propagation
delay or generating additional ground bounce noise.
When OE is LOW, S0 and S1 connect the A Port to the
selected B Port output. When OE is HIGH, the switch is
OPEN and a high-impedance state exists between the two
ports.
The FST32253 has an equivalent 25
Ω series resistor to
reduce signal-reflection noise, eliminating the need for
external terminating resistors.
Features
s 25
Ω switch connection between two ports
s Minimal propagation delay through the switch
s Low lCC
s Zero bounce in flow-through mode
s Control inputs compatible with TTL level
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Diagram
Pin Descriptions
Connection Diagram
Truth Table
Order Number
Package Number
Package Description
FST32253M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
FST32253QSC
MQA16
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
FST32253MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
OE1, OE2
Bus Switch Enables
S0, S1
Select Inputs
ABus A
B1, B2, B3, B4
Bus B
S1
S0
OE1
OE2
Function
X
X
H
X
Disconnect 1A
X
X
X
H
Disconnect 2A
L
LLL
A
= B
1
LH
L
L
A
= B
2
H
LLL
A
= B
3
HH
L
L
A
= B
4


Similar Part No. - FST32253

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST32211 FAIRCHILD-FST32211 Datasheet
240Kb / 6P
40/48-Bit Bus Switch
FST32211G FAIRCHILD-FST32211G Datasheet
240Kb / 6P
40/48-Bit Bus Switch
FST32245 FAIRCHILD-FST32245 Datasheet
170Kb / 5P
Octal Bus Switch with 25??Series Resistor in Outputs (Preliminary)
FST32245MTC FAIRCHILD-FST32245MTC Datasheet
170Kb / 5P
Octal Bus Switch with 25??Series Resistor in Outputs (Preliminary)
FST32245QSC FAIRCHILD-FST32245QSC Datasheet
170Kb / 5P
Octal Bus Switch with 25??Series Resistor in Outputs (Preliminary)
More results

Similar Description - FST32253

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST32245 FAIRCHILD-FST32245 Datasheet
170Kb / 5P
Octal Bus Switch with 25??Series Resistor in Outputs (Preliminary)
FST3253 FAIRCHILD-FST3253 Datasheet
138Kb / 5P
Dual 4:1 Multiplexer/Demultiplexer Bus Switch
FSTU3253 FAIRCHILD-FSTU3253 Datasheet
212Kb / 7P
Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3251 ONSEMI-74FST3251 Datasheet
86Kb / 8P
8:1 Multiplexer/Demultiplexer Bus Switch
January, 2002 ??Rev. 1
74FST3253 ONSEMI-74FST3253 Datasheet
85Kb / 8P
Dual 4:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
74FST3253 ONSEMI-74FST3253_06 Datasheet
182Kb / 7P
Dual 4:1 Multiplexer/Demultiplexer Bus Switch
June, 2006 ??Rev. 4
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
2:1 Multiplexer/Demultiplexer Bus Switch
FST3253MTCX FAIRCHILD-FST3253MTCX Datasheet
146Kb / 5P
Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST3253 ONSEMI-FST3253 Datasheet
240Kb / 7P
Dual 4:1 Multiplexer/Demultiplexer Bus Switch
Revised December 1999
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com