Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1BZ-28DP-2.5DSA Datasheet(PDF) 15 Page - Hirose Electric

Part # DF1BZ-28DP-2.5DSA
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1BZ-28DP-2.5DSA Datasheet(HTML) 15 Page - Hirose Electric

Back Button DF1BZ-28DP-2.5DSA Datasheet HTML 11Page - Hirose Electric DF1BZ-28DP-2.5DSA Datasheet HTML 12Page - Hirose Electric DF1BZ-28DP-2.5DSA Datasheet HTML 13Page - Hirose Electric DF1BZ-28DP-2.5DSA Datasheet HTML 14Page - Hirose Electric DF1BZ-28DP-2.5DSA Datasheet HTML 15Page - Hirose Electric DF1BZ-28DP-2.5DSA Datasheet HTML 16Page - Hirose Electric DF1BZ-28DP-2.5DSA Datasheet HTML 17Page - Hirose Electric DF1BZ-28DP-2.5DSA Datasheet HTML 18Page - Hirose Electric DF1BZ-28DP-2.5DSA Datasheet HTML 19Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
B197
DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
KApplicable Socket: DF1B-*ES-2.5RC
KApplicable Socket: DF1B-*DES-2.5RC
s Single Row In-line Plug (Full Lock Type)
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Unit: mm
Part Number
CL No.
DF1B- 8EP-2.5RC
DF1B- 9EP-2.5RC
DF1B-10EP-2.5RC
DF1B-11EP-2.5RC
DF1B-12EP-2.5RC
DF1B-13EP-2.5RC
541-0338-3
541-0339-6
541-0340-5
541-0341-8
541-0342-0
541-0343-3
8
9
10
11
12
13
23.9
26.4
28.9
31.4
33.9
36.4
17.5
20
22.5
25
27.5
30
Yes
Number of Contacts
A
B
RoHS
Part Number
CL No.
DF1B- 2EP-2.5RC
DF1B- 3EP-2.5RC
DF1B- 4EP-2.5RC
DF1B- 5EP-2.5RC
DF1B- 6EP-2.5RC
DF1B- 7EP-2.5RC
541-0332-7
541-0333-0
541-0334-2
541-0335-5
541-0336-8
541-0337-0
2
3
4
5
6
7
8.9
11.4
13.9
16.4
18.9
21.4
2.5
5
7.5
10
12.5
15
Yes
Number of Contacts
A
B
RoHS
Contact Inserted.
s Double Row In-line Plug (Full Lock Type)
Unit: mm
Part Number
CL No.
DF1B-24DEP-2.5RC
DF1B-26DEP-2.5RC
DF1B-28DEP-2.5RC
DF1B-30DEP-2.5RC
DF1B-32DEP-2.5RC
DF1B-34DEP-2.5RC
541-0372-1
541-0373-4
541-0374-7
541-0375-0
541-0376-2
541-0377-5
24
26
28
30
32
34
34.7
37.2
39.7
42.2
44.7
47.2
27.5
30
32.5
35
37.5
40
Yes
Number of Contacts
A
B
RoHS
Part Number
CL No.
DF1B-10DEP-2.5RC
DF1B-12DEP-2.5RC
DF1B-14DEP-2.5RC
DF1B-16DEP-2.5RC
DF1B-18DEP-2.5RC
DF1B-20DEP-2.5RC
DF1B-22DEP-2.5RC
541-0366-9
541-0367-1
541-0368-4
541-0369-7
541-0350-9
541-0370-6
541-0371-9
10
12
14
16
18
20
22
17.2
19.7
22.2
24.7
27.2
29.7
32.2
10
12.5
15
17.5
20
22.5
25
Yes
Number of Contacts
A
B
RoHS
Contact Inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com