Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3-22SCF Datasheet(PDF) 2 Page - Hirose Electric

Part # DF3-22SCF
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3-22SCF Datasheet(HTML) 2 Page - Hirose Electric

  DF3-22SCF Datasheet HTML 1Page - Hirose Electric DF3-22SCF Datasheet HTML 2Page - Hirose Electric DF3-22SCF Datasheet HTML 3Page - Hirose Electric DF3-22SCF Datasheet HTML 4Page - Hirose Electric DF3-22SCF Datasheet HTML 5Page - Hirose Electric DF3-22SCF Datasheet HTML 6Page - Hirose Electric DF3-22SCF Datasheet HTML 7Page - Hirose Electric DF3-22SCF Datasheet HTML 8Page - Hirose Electric DF3-22SCF Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
B208
DF3 Seriesq2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Rating
Current rating
Note 1
Crimping
IDC
Voltage rating AC100V Crimping
IDC
Wire size
Wire size
Press-fit: 250V AC
AWG#22 to 24 :3A
AWG#26
:2A
AWG#28
:1A
AWG 26, 28:1A
Press-connect: 100V AC
Operating Temperature Range
Operating Humidity Range
Storage Temperature Range
Storagg Humidity Range
-30ç to +85ç Note 2.
40% to 80%
-10ç to +60ç Note 3.
40% to 70% Note 3.
sUL CSA Safety Standard File No.
UL
:E52653
CSA
:LR95109
sUL CSA Acquisition Objective Item
1DF3-*S-2C
2DF3/3A-*P-2DSA/DS
3DF3/DF3AA-*EP-2C
4DF3-*S-2R26/28
5DF3-*P-2H
Rated Current
Rated Voltage
UL-CSA Safety Standard and Approved specification
30V AC
Wire size
AWG 24 to 28: 1A
Rating
Item
Specification
Condition
1. Insulation Resistance
1000M ohms min.
500V DC
2. Withstanding voltage
No flashover or insulation breakdown.
650V AC/1 minute
3. Contact Resistance
30m ohms max
100mA
4. Single Insertor/Extraction Force MIN0.3N (30gf), MAX4.4N(450gf)
Measure by the square steel pin with 0.5±0.002mm
5. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
6.
Humidity (Steady state) Contact resistance: 30m ohms max.Insulation resistance: 500M ohms min.
96 hours at temperature of 40ç and humidity of 90% to 95%
7. Temperature Cycle
Contact resistance: 30m ohms max.:Insulation resistance: 1000M ohms min.
(-55ç: 30 minutes 5 to 35ç: 10 minutes 85ç: 30 minutes 5 to 35ç: 10minutes) 5 cycles
8. Durability (Mating/un-mating) Contact resistance: 30m ohms max.
Tin plating: 30 cycles Gold plating: 50 cycles
9. Resistance to Soldering Heat
No deformation of components affecting performance.
Flow: 260ç for 10 seconds Manual soldering: 300ç for 2 seconds
Reflow: At the recommended temperature profile Manual soldering: 300ç for 3 seconds
Note 1: Current rating of header is 3A.
Note 2: Includes temperature rise caused by current flow.
Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 4: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for
a specific part number shown.
sProduct Specifications
sMaterial
Product
Part
Materia
Finish
Remarks
Crimping Socket
Insulator
Polyamide
Black
UL94V-0
IDC Contact for Socket
Contact
Phosphor bronze
Tin plated or gold plated
–––––––
ID Socket
Insulator
Polyamide
Black
UL94V-0
Contact
Phosphor bronze
Tin plated or gold plated
–––––––
Receptacle
Insulator
Polyamide
Black
UL94V-0
Contact
Phosphor bronze
Tin plated or gold plated
–––––––
Pin Header
Insulator
Polyamide
Black
UL94V-0
Contact
Brass
Tin plated or gold plated
–––––––
Insulator
Polyamide
Beige
UL94V-0
SMT Pin Header
Contact
Brass
Tin plated or gold plated
–––––––
Metal tab
Brass
Tin plated
–––––––
In-line Plug
Insulator
Polyamide
Black
UL94V-0
In-line IDC Contact
Contact
Phosphor bronze
Tin plated or gold plated
–––––––
In-line Adapter
Insulator
Polyamide
Black
UL94V-0
Contact
Brass
Tin plated
–––––––
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com