Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3-22SC Datasheet(PDF) 3 Page - Hirose Electric

Part # DF3-22SC
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3-22SC Datasheet(HTML) 3 Page - Hirose Electric

  DF3-22SC Datasheet HTML 1Page - Hirose Electric DF3-22SC Datasheet HTML 2Page - Hirose Electric DF3-22SC Datasheet HTML 3Page - Hirose Electric DF3-22SC Datasheet HTML 4Page - Hirose Electric DF3-22SC Datasheet HTML 5Page - Hirose Electric DF3-22SC Datasheet HTML 6Page - Hirose Electric DF3-22SC Datasheet HTML 7Page - Hirose Electric DF3-22SC Datasheet HTML 8Page - Hirose Electric DF3-22SC Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
B209
DF3 Seriesq2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 - * S - 2C
qe
wr t
q Series Name
: DF3, 3A, 3AA
w Number of Contacts : 2~15
e Connector Type
S
: Socket
P
: Pin Header
EP
: In-line Plug
r Contact Pitch
: 2mm
t Connection Form/Contact Style
C
: Crimp socket
R26 : ID socket for AWG26
R28 : ID socket for AWG28
DSA : Straight through hole
DS : Right angle through hole
V
: Straight SMT
H
: Right angle SMT
A
: Adapter
sOrdering Information
qConnector
DF3 - EP2428PCFA
q
r
e
w
q Contact Type
Blank : For socket
EP
: For in-line plug
w Applicable Wire Size
22
: AWG#22
2428 : AWG#24 to#28
e Contact Type/Packaging Type
SCF
: Socket contact, Reel
SC
: Socket contact, Bag
PCF
: Plug contact, Reel
PC
: Plug contact, Bag
r Plating Type
Blank
: Tin plated
A
: Gold plated (Plug contact)
C
: Gold plated (Socket contact)
qContact
sApplication pattern
DF3-πS-2R**(05)
DF3-πS-2DSA(25)
DF3-πS-2R**(05)
DF3Z-πP-2V
DF3Z-πP-2H
DF3Z-πP-2H
DF3Z-πP-2H
DF3Z-πP-2V
DF3Z-πP-2V
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com