Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8545BGLF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS8545BGLF
Description  LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8545BGLF Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS8545BGLF Datasheet HTML 1Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 2Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 3Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 4Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 5Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 6Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 7Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 8Page - Integrated Device Technology ICS8545BGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ICS8545
LOW SKEW, 1-TO-4, LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
IDT™ / ICS™ LVDS FANOUT BUFFER
5
ICS8545BG REV. D OCTOBER 28, 2008
Table 4C. LVDS DC Characteristics, VDD = 3.3V ± 5%, TA = 0°C to 70°C
AC Electrical Characteristics
Table 5. AC Characteristics, VDD = 3.3V ± 5%, TA = 0°C to 70°C
All parameters measured at fMAX unless noted otherwise.
NOTE 1: Measured from VDD/2 of the input to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at VDD/2 of the input to the differential output crossing point.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions.
Using the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
200
280
360
mV
∆V
OD
VOD Magnitude Change
40
mV
VOS
Offset Voltage
1.125
1.25
1.375
V
∆V
OS
VOS Magnitude Change
5
25
mV
IOz
High Impedance Leakage
-10
±1
+10
µA
IOFF
Power Off Leakage
-20
±1
+20
µA
IOSD
Differential Output Short Circuit Current
-3.5
-5
mA
IOS
Output Short Circuit Current
-3.5
-5
mA
VOH
Output Voltage High
1.34
1.6
V
VOL
Output Voltage Low
0.9
1.06
V
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
650
MHz
tPD
Propagation Delay; NOTE 1
ƒ
≤ 650MHz
1.4
3.6
ns
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
156.25MHz, Integration Range:
12kHz – 20MHz
0.13
ps
tsk(o)
Output Skew; NOTE 2, 4
40
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
500
ps
tR / tF
Output Rise/Fall Time
20% to 80% @ 50MHz
200
400
600
ps
odc
Output Duty Cycle
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com