Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD633JRZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD633JRZ-R7
Description  Low Cost Analog Multiplier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD633JRZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD633JRZ-R7 Datasheet HTML 3Page - Analog Devices AD633JRZ-R7 Datasheet HTML 4Page - Analog Devices AD633JRZ-R7 Datasheet HTML 5Page - Analog Devices AD633JRZ-R7 Datasheet HTML 6Page - Analog Devices AD633JRZ-R7 Datasheet HTML 7Page - Analog Devices AD633JRZ-R7 Datasheet HTML 8Page - Analog Devices AD633JRZ-R7 Datasheet HTML 9Page - Analog Devices AD633JRZ-R7 Datasheet HTML 10Page - Analog Devices AD633JRZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD633
Rev. I | Page 7 of 16
FUNCTIONAL DESCRIPTION
The AD633 is a low cost multiplier comprising a translinear
core, a buried Zener reference, and a unity-gain connected
output amplifier with an accessible summing node. Figure 1
shows the functional block diagram. The differential X and Y
inputs are converted to differential currents by voltage-to-
current converters. The product of these currents is generated
by the multiplying core. A buried Zener reference provides an
overall scale factor of 10 V. The sum of (X × Y)/10 + Z is then
applied to the output amplifier. The amplifier summing node Z
allows the user to add two or more multiplier outputs, convert
the output voltage to a current, and configure various analog
computational functions.
Inspection of the block diagram shows the overall transfer
function is
(
)(
)
Z
V
Y2
Y1
X2
X1
W
+
=
10
(1)
ERROR SOURCES
Multiplier errors consist primarily of input and output offsets,
scale factor error, and nonlinearity in the multiplying core. The
input and output offsets can be eliminated by using the optional
trim of Figure 10. This scheme reduces the net error to scale
factor errors (gain error) and an irreducible nonlinearity
component in the multiplying core. The X and Y nonlinearities
are typically 0.4% and 0.1% of full scale, respectively. Scale
factor error is typically 0.25% of full scale. The high impedance
Z input should always reference the ground point of the driven
system, particularly if it is remote. Likewise, the differential X
and Y inputs should reference their respective grounds to
realize the full accuracy of the AD633.
±50mV
TO APPROPRIATE
INPUT TERMINAL
(FOR EXAMPLE, X2, Y2, Z)
50kΩ
1kΩ
300kΩ
+VS
–VS
Figure 10. Optional Offset Trim Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com