Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8022 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8022
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022 Datasheet(HTML) 4 Page - Analog Devices

  AD8022 Datasheet HTML 1Page - Analog Devices AD8022 Datasheet HTML 2Page - Analog Devices AD8022 Datasheet HTML 3Page - Analog Devices AD8022 Datasheet HTML 4Page - Analog Devices AD8022 Datasheet HTML 5Page - Analog Devices AD8022 Datasheet HTML 6Page - Analog Devices AD8022 Datasheet HTML 7Page - Analog Devices AD8022 Datasheet HTML 8Page - Analog Devices AD8022 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7685
Rev. C | Page 4 of 28
VDD = 2.3 V to 5.5 V, VIO = 2.3 V to VDD, VREF = VDD, TA = –40°C to +85°C, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
REFERENCE
Voltage Range
0.5
VDD + 0.3
V
Load Current
250 kSPS, REF = 5 V
50
μA
SAMPLING DYNAMICS
−3 dB Input Bandwidth
2
MHz
Aperture Delay
VDD = 5 V
2.5
ns
DIGITAL INPUTS
Logic Levels
VIL
–0.3
0.3 × VIO
V
VIH
0.7 × VIO
VIO + 0.3
V
IIL
−1
+1
μA
IIH
−1
+1
μA
DIGITAL OUTPUTS
Data Format
Serial 16 bits straight binary
Pipeline Delay
Conversion results available immediately
after completed conversion
VOL
ISINK = +500 μA
0.4
V
VOH
ISOURCE = −500 μA
VIO − 0.3
V
POWER SUPPLIES
VDD
Specified performance
2.3
5.5
V
VIO
Specified performance
2.3
VDD + 0.3
V
VIO Range
1.8
VDD + 0.3
V
Standby Current1, 2
VDD and VIO = 5 V, 25°C
1
50
nA
Power Dissipation
VDD = 2.5 V, 100 SPS throughput
1.4
μW
VDD = 2.5 V, 100 kSPS throughput
1.35
2.4
mW
VDD = 2.5 V, 200 kSPS throughput
2.7
4.8
mW
VDD = 5 V, 100 kSPS throughput
4
6
mW
VDD = 5 V, 250 kSPS throughput
10
15
mW
TEMPERATURE RANGE3
Specified Performance
TMIN to TMAX
−40
+85
°C
1 With all digital inputs forced to VIO or GND as required.
2 During acquisition phase.
3 Contact sales for extended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com