Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7938BCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD7938BCPZ
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938BCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7938BCPZ Datasheet HTML 25Page - Analog Devices AD7938BCPZ Datasheet HTML 26Page - Analog Devices AD7938BCPZ Datasheet HTML 27Page - Analog Devices AD7938BCPZ Datasheet HTML 28Page - Analog Devices AD7938BCPZ Datasheet HTML 29Page - Analog Devices AD7938BCPZ Datasheet HTML 30Page - Analog Devices AD7938BCPZ Datasheet HTML 31Page - Analog Devices AD7938BCPZ Datasheet HTML 32Page - Analog Devices AD7938BCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
AD7938/AD7939
Rev. C | Page 29 of 36
POWER vs. THROUGHPUT RATE
A considerable advantage of powering the ADC down after a
conversion is that the power consumption of the part is
significantly reduced at lower throughput rates. When using the
different power modes, the AD7938/AD7939 are only powered
up for the duration of the conversion. Therefore, the average
power consumption per cycle is significantly reduced. Figure 41
shows a plot of the power vs. throughput rate when operating in
autostandby mode for both VDD = 5 V and 3 V. For example, if
the maximum CLKIN frequency of 25.5 MHz is used to
minimize the conversion time, this accounts for only 0.525 µs of
the overall cycle time while the AD7938/AD7939 remains in
standby mode for the remainder of the cycle. If the devices run
at a throughput rate of 10 kSPS, for example, the overall cycle
time is 100 µs.
Figure 42 shows a plot of the power vs. throughput rate when
operating in normal mode for both VDD = 5 V and VDD = 3 V. In
both plots, the figures apply when using the internal reference.
If an external reference is used, the power-up time reduces to
600 ns; therefore, the AD7938/AD7939 remain in standby for a
greater time in every cycle. Additionally, the current consumption,
when converting, should be lower than the specified maximum
of 2.7 mA with VDD = 5 V, or 2.0 mA with VDD = 3 V.
THROUGHPUT (kSPS)
1.8
0.8
1.0
1.2
1.4
1.6
0
0.6
0.4
0.2
0
20
40
60
80
100
120
140
TA = 25°C
VDD = 5V
VDD = 3V
Figure 41. Power vs. Throughput in
Autostandby Mode Using Internal Reference
THROUGHPUT (kSPS)
10
4
5
6
7
8
9
0
3
2
1
0
200
400
600
800
1000
1200
1600
1400
TA = 25°C
VDD = 5V
VDD = 3V
Figure 42. Power vs. Throughput in Normal Mode Using Internal Reference
MICROPROCESSOR INTERFACING
AD7938/AD7939 to ADSP-21xx Interface
Figure 43 shows the AD7938/AD7939 interfaced to the ADSP-
21xx series of DSPs as a memory-mapped device. A single wait
state may be necessary to interface the AD7938/AD7939 to the
ADSP-21xx depending on the clock speed of the DSP. The wait
state can be programmed via the data memory wait state
control register of the ADSP-21xx (see the ADSP-21xx family
User’s Manual for details). The following instruction reads from
the AD7938/AD7939:
MR = DM (ADC)
where ADC is the address of the AD7938/AD7939.
AD7938/
AD7939*
ADSP-21xx*
WR
RD
DB0 TO DB11
D0 TO D23
A0 TO A15
DMS
IRQ2
BUSY
CS
CONVST
DSP/USER SYSTEM
WR
RD
*ADDITIONAL PINS OMITTED FOR CLARITY.
ADDRESS BUS
DATA BUS
ADDRESS
DECODER
Figure 43. Interfacing to the ADSP-21xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com