Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTU16211 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSTU16211
Description  24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU16211 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSTU16211 Datasheet HTML 1Page - Fairchild Semiconductor FSTU16211 Datasheet HTML 2Page - Fairchild Semiconductor FSTU16211 Datasheet HTML 3Page - Fairchild Semiconductor FSTU16211 Datasheet HTML 4Page - Fairchild Semiconductor FSTU16211 Datasheet HTML 5Page - Fairchild Semiconductor FSTU16211 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary
www.fairchildsemi.com
2
Logic Diagram
Truth Table
Connection Diagram
Pin Descriptions
Inputs
Inputs/Outputs
OE1
OE2
1A, 1B
2A, 2B
LL
1A
= 1B
2A
= 2B
LH
1A
= 1B
Z
HL
Z
2A
= 2B
HH
Z
Z
Pin Name
Description
OE1, OE2
Bus Switch Enables
1A, 2A
Bus A
1B, 2B
Bus B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com