Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1196ACBZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1196ACBZ-R7
Description  5 V, 3 A Logic Controlled High-Side or Low-Side Load Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1196ACBZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1196ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP1196ACBZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADP1196
Data Sheet
Rev. 0 | Page 10 of 12
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADP1196 is designed for operation with small, space-
saving ceramic capacitors; however, it functions with most
commonly used capacitors when the effective series resistance
(ESR) value is carefully considered. The ESR of the output
capacitor affects the response to load transients. Use a typical
1 µF capacitor with an ESR of 0.1 Ω or less for good transient
response. Using a larger value of output capacitance improves
the transient response to large changes in load current.
Input Bypass Capacitor
Connecting at least 1 µF of capacitance from VIN to GND reduces
the circuit sensitivity to the PCB layout, especially when high
source impedance or long input traces are encountered. When
greater than 1 µF of output capacitance is required, increase the
input capacitor to match it.
GROUND CURRENT
The major source of ground current in the ADP1196 is the
internal charge pump for the field effect transistor (FET) drive
circuitry. Figure 22 shows the typical ground current when
VVB_EN = 1.83 V and VIN varies from 0.2 V to 5.5 V.
Figure 22. Ground Current vs. Input Voltage, Different Load Currents
ENABLE FEATURE
The ADP1196 uses the VB_EN pin to enable and disable the
VOUT pin under normal operating conditions. As shown in
Figure 23, when a rising voltage (VVB_EN) on the VB_EN pin
crosses the active threshold, VOUT turns on. When a falling
voltage (VVB_EN) on the VB_EN pin crosses the inactive
threshold, VOUT turns off.
Figure 23. Typical VB_EN Operation
As shown in Figure 23, the VB_EN pin has hysteresis built into
it. This built-in hysteresis prevents on/off oscillations that can
occur due to noise on the VB_EN pin as it passes through the
threshold points.
The VB_EN pin active/inactive thresholds derive from the VIN
voltage; therefore, these thresholds vary with changing input
voltages. Figure 24 shows the typical VB_EN active/inactive
threshold when the input voltage varies from 1.83 V to 5.5 V.
Figure 24. Typical VB_EN Threshold vs. Input Voltage (VIN)
INPUT VOLTAGE (V)
0
1.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
IOUT = 50mA
IOUT = 100mA
IOUT = 200mA
IOUT = 500mA
IOUT = 1000mA
IOUT = 3000mA
0
10
20
30
40
50
60
70
80
90
100
0.5
1.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.2
0.4
0.6
0.8
1.0
1.2
ENABLE VOLTAGE (V)
VVB_EN
FALLING
VVB_EN
RISING
VOUT AT 3.6V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
5.4
INPUT VOLTAGE (V)
VVB_EN RISE
VVB_EN FALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com