Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APDS-9190 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9190
Description  Digital Proximity Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9190 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9190 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9190 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9190 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9190 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9190 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9190 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9190 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9190 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9190 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Functional Block Diagram
Upper Threshold
Lower Threshold
Interrupt
Control
Logic
Prox
Detect
ADC
Data
INT
SCL
SDA
VDD
GND
LDR
LED K
LED A
Prox IR LED
Ch0
Ch1
LED Regulated
Constant Current
Sink
Detailed Description
The APDS-9190 light-to-digital device provides on-chip
Ch0 and CH1 diodes, integrating amplifiers, ADCs, accu-
mulators, clocks, buffers, comparators, a state machine
and an I2C interface. Each device combines one Ch0
photodiode (visible plus infrared) and one infrared-
responding (IR) photodiode. Two integrating ADCs simul-
taneously convert the amplified photodiode currents to a
digital value providing up to 16-bits of resolution. Upon
completion of the conversion cycle, the conversion result
is transferred to the Ch0 and IR data registers. This digital
output can be read by a microprocessor.
Communication to the device is accomplished through a
fast (up to 400 kHz), two-wire I2C serial bus for easy con-
nection to a microcontroller or embedded controller. The
digital output of the APDS-9190 device is inherently more
immune to noise when compared to an analog interface.
The APDS-9190 provides a separate pin for level-style in-
terrupts. When interrupts are enabled and a pre-set value
is exceeded, the interrupt pin is asserted and remains
asserted until cleared by the controlling firmware.
The interrupt feature simplifies and improves system
efficiency by eliminating the need to poll a sensor for a
proximity value. An interrupt is generated when the value
of proximity conversion exceeds either an upper or lower
threshold. Additionally, a programmable interrupt per-
sistence feature allows the user to determine how many
consecutive exceeded thresholds are necessary to trigger
an interrupt. Interrupt thresholds and persistence settings
are configured independently for proximity.
Proximity detection is fully provided with an 850 nm IR
LED. An internal LED driver (LDR) pin, is jumper connected
to the LED cathode (LED K) to provide a factory calibrated
proximity of 100 +/- 20 mm. This is accomplished with a
proprietary current calibration technique that accounts
for all variances in silicon, optics, package and most impor-
tantly IR LED output power. This will eliminate or greatly
reduce the need for factory calibration that is required
for most discrete proximity sensor solutions. While the
APDS-9190 is factory calibrated at a given pulse count,
the number of proximity LED pulses can be programmed
from 1 to 255 pulses, which will allow greater proximity
distances to be achieved. Each pulse has a 16
µs period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com