Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD737JRZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD737JRZ
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD737JRZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD737JRZ Datasheet HTML 9Page - Analog Devices AD737JRZ Datasheet HTML 10Page - Analog Devices AD737JRZ Datasheet HTML 11Page - Analog Devices AD737JRZ Datasheet HTML 12Page - Analog Devices AD737JRZ Datasheet HTML 13Page - Analog Devices AD737JRZ Datasheet HTML 14Page - Analog Devices AD737JRZ Datasheet HTML 15Page - Analog Devices AD737JRZ Datasheet HTML 16Page - Analog Devices AD737JRZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD737
Rev. I | Page 13 of 24
DC ERROR, OUTPUT RIPPLE, AND
AVERAGING ERROR
Figure 24 shows the typical output waveform of the AD737 with
a sine wave input voltage applied. As with all real-world devices,
the ideal output of VOUT = VIN is never exactly achieved; instead,
the output contains both a dc and an ac error component.
DC ERROR = EO – EO (IDEAL)
AVERAGE EO = EO
EO
IDEAL
EO
DOUBLE-FREQUENCY
RIPPLE
TIME
Figure 24. Output Waveform for Sine Wave Input Voltage
As shown, the dc error is the difference between the average
of the output signal (when all the ripple in the output has been
removed by external filtering) and the ideal dc output. The dc
error component is, therefore, set solely by the value of the
averaging capacitor used—no amount of post filtering (using a
very large postfiltering capacitor, CF) allows the output voltage
to equal its ideal value. The ac error component, an output
ripple, can be easily removed using a large enough CF.
In most cases, the combined magnitudes of the dc and ac error
components must be considered when selecting appropriate
values for CAV and CF capacitors. This combined error, repre-
senting the maximum uncertainty of the measurement, is termed
the averaging error and is equal to the peak value of the output
ripple plus the dc error. As the input frequency increases, both
error components decrease rapidly. If the input frequency
doubles, the dc error and ripple reduce to one-quarter and
one-half of their original values, respectively, and rapidly
become insignificant.
AC MEASUREMENT ACCURACY AND
CREST FACTOR
The crest factor of the input waveform is often overlooked when
determining the accuracy of an ac measurement. Crest factor is
defined as the ratio of the peak signal amplitude to the rms
amplitude (crest factor = VPEAK/V rms). Many common
waveforms, such as sine and triangle waves, have relatively low
crest factors (≥2). Other waveforms, such as low duty cycle
pulse trains and SCR waveforms, have high crest factors. These
types of waveforms require a long averaging time constant to
average out the long time periods between pulses. Figure 9
shows the additional error vs. the crest factor of the AD737 for
various values of CAV.
CALCULATING SETTLING TIME
Figure 17 can be used to closely approximate the time required
for the AD737 to settle when its input level is reduced in ampli-
tude. The net time required for the rms converter to settle is
the difference between two times extracted from the graph:
the initial time minus the final settling time. As an example,
consider the following conditions: a 33 μF averaging capacitor,
an initial rms input level of 100 mV, and a final (reduced) input
level of 1 mV. From Figure 17, the initial settling time (where
the 100 mV line intersects the 33 μF line) is approximately
80 ms. The settling time corresponding to the new or final
input level of 1 mV is approximately 8 seconds. Therefore, the
net time for the circuit to settle to its new value is 8 seconds
minus 80 ms, which is 7.92 seconds.
Note that, because of the inherent smoothness of the decay
characteristic of a capacitor/diode combination, this is the
total settling time to the final value (not the settling time to 1%,
0.1%, and so on, of the final value). Also, this graph provides
the worst-case settling time because the AD737 settles very
quickly with increasing input levels.
Table 5. Error Introduced by an Average Responding Circuit When Measuring Common Waveforms
Type of Waveform
1 V Peak Amplitude
Crest Factor
(VPEAK/V rms)
True RMS
Value (V)
Reading of an Average Responding Circuit
Calibrated to an RMS Sine Wave Value (V)
Error (%)
Undistorted Sine Wave
1.414
0.707
0.707
0
Symmetrical Square Wave
1.00
1.00
1.11
11.0
Undistorted Triangle Wave
1.73
0.577
0.555
−3.8
Gaussian Noise (98% of Peaks <1 V)
3
0.333
0.295
−11.4
Rectangular
2
0.5
0.278
−44
Pulse Train
10
0.1
0.011
−89
SCR Waveforms
50% Duty Cycle
2
0.495
0.354
−28
25% Duty Cycle
4.7
0.212
0.150
−30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com