Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTU32160 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSTU32160
Description  16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU32160 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSTU32160 Datasheet HTML 1Page - Fairchild Semiconductor FSTU32160 Datasheet HTML 2Page - Fairchild Semiconductor FSTU32160 Datasheet HTML 3Page - Fairchild Semiconductor FSTU32160 Datasheet HTML 4Page - Fairchild Semiconductor FSTU32160 Datasheet HTML 5Page - Fairchild Semiconductor FSTU32160 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Connection Diagram
Pin Descriptions
Truth Table
Logic Diagram
Pin Name
Description
SEL1, SEL2
Select Inputs
ABus A
B1, B2
Bus B
Inputs
Function
SEL1
SEL2
LH
x A
= x B
1
HL
x A
= x B
2
LL
x A
= x B
1 and x B2
H
H
x B1, x B2 = BiasV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com